전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM14H-P05-30K-N51-TR 데이터시트(PDF) 8 Page - Everlight Electronics Co., Ltd

부품명 KM14H-P05-30K-N51-TR
상세설명  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM14H-P05-30K-N51-TR 데이터시트(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button KM14H-P05-30K-N51-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd KM14H-P05-30K-N51-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
8
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Product Binning
Luminous Intensity spec
Group
Bin
Minimum
Photometric Flux (lm)
Maximum
Photometric Flux (lm)
31
200
225
32
225
250
41
250
275
42
275
300
51
300
350
N
52
350
400
11
400
450
12
450
500
21
500
550
22
550
600
31
600
650
32
650
700
33
700
750
41
750
800
42
800
850
43
850
925
44
925
1000
51
1000
1075
R
52
1075
1150
53
1150
1225
54
1225
1300
Note:
Currently available brightness bins for White LEDs are highlighted and bolded.
Forward Voltage Bins
Bin
Minimum Forward
Voltage (V)
Maximum Forward
Voltage (V)
O1
4.5
5.0
O2
5.0
5.5
O3
5.5
6.0
O4
6.0
6.5
O5
6.5
7.0
O6
7.0
7.5
O7
7.5
8.0
R1
8.0
9.0
R2
9.0
10.0
R3
10.0
11.0
R4
11.0
12.0
Notes
1.
Wide forward voltage 0.5V bin structure
O1 ~ O7
2.
Wide forward voltage 1.0V bin structure
R1 ~ R4


유사한 부품 번호 - KM14H-P05-30K-N51-TR

제조업체부품명데이터시트상세설명
logo
Kwazar-IS
KM140UD20 KWAZAR-KM140UD20 Datasheet
149Kb / 1P
   integrated circuit
More results

유사한 설명 - KM14H-P05-30K-N51-TR

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com