전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4066 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HC4066
상세설명  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4066 Datasheet HTML 4Page - NXP Semiconductors 74HC4066 Datasheet HTML 5Page - NXP Semiconductors 74HC4066 Datasheet HTML 6Page - NXP Semiconductors 74HC4066 Datasheet HTML 7Page - NXP Semiconductors 74HC4066 Datasheet HTML 8Page - NXP Semiconductors 74HC4066 Datasheet HTML 9Page - NXP Semiconductors 74HC4066 Datasheet HTML 10Page - NXP Semiconductors 74HC4066 Datasheet HTML 11Page - NXP Semiconductors 74HC4066 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2004 Nov 11
8
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Note
1. All typical values are measured at Tamb =25 °C.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
2.0
1.5
−−
V
4.5
3.15
−−
V
6.0
4.2
−−
V
9.0
6.3
−−
V
VIL
LOW-level input voltage
2.0
−−
0.50
V
4.5
−−
1.35
V
6.0
−−
1.80
V
9.0
−−
2.70
V
ILI
input leakage current
VI =VCC or GND
6.0
−−±1.0
µA
10.0
−−±2.0
µA
IS(OFF)
analog switch current
OFF-state
per channel; VI =VIH or VIL;
VS =VCC − GND; see Fig.7
10.0
−−±1.0
µA
IS(ON)
analog switch current
ON-state
VI =VIH or VIL; VS =VCC − GND; see
Fig.8
10.0
−−±1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; Vis = GND or VCC;
Vos =VCC or GND
6.0
−−
40.0
µA
10.0
−−
80.0
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. MAX. UNIT
OTHER
VCC (V)


유사한 부품 번호 - 74HC4066

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC4066 NXP-74HC4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC4066 NXP-74HC4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HC4066 NEXPERIA-74HC4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

유사한 설명 - 74HC4066

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com