전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL074L-D14-T 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 TL074L-D14-T
상세설명  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL074L-D14-T 데이터시트(HTML) 5 Page - Unisonic Technologies

  TL074L-D14-T Datasheet HTML 1Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 2Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 3Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 4Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 5Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 6Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 7Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 8Page - Unisonic Technologies TL074L-D14-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TL074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R105-005. G
ELECTRICAL CHARACTERISTICS
(
Vcc=±15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
Rs=50
Ω
TA=25°C
3
6
mV
TMIN≤TA≤TMAX
7
mV
Temperature Coefficient of Input
Offset Voltage
Δ
VI(OFF)
Rs=50
Ω
10
μV/°C
Input Offset Current (Note)
II(OFF)
TA=25°C
5
100
pA
TMIN≤TA≤TMAX
4
nA
Input Bias Current (Note)
II(BIAS)
TA=25°C
20
200
pA
TMIN≤TA≤TMAX
20
nA
Input Common Mode Voltage
VI(CM)
±11
-12~+15
V
Output Voltage Swing
VO(SW)
RL=2kΩ
TA=25°C
10
12
V
RL=10kΩ
12
13.5
V
RL=2kΩ
TMIN≤TA≤TMAX
10
V
RL=10kΩ
12
V
Large Signal Voltage Gain
GV
RL=10kΩ,
VOUT=±10V
TA=25°C
50
200
V/mV
TMIN≤TA≤T MAX
25
V/mV
Gain Bandwidth Product
GBW
RL=10kΩ, CL=100pF
2
3
MHz
Input Resistance
RIN
10
12
Ω
Common Mode Rejection Ratio
CMR
RS=50Ω
TA=25°C
80
86
dB
TMIN≤TA≤T MAX
80
dB
Supply Voltage Rejection Ratio
SVR
RS=50Ω
TA=25°C
80
86
dB
TMIN≤TA≤T MAX
80
dB
Supply Current
ICC
No Load
TA=25°C
1.4
2.5
mA
TMIN≤TA≤T MAX
2.5
mA
Channel Separation
V01/V02
Gv=100
120
dB
Output Short-circuit Current
IO(SC)
TA=25°C
10
40
60
mA
TMIN≤TA≤T MAX
10
60
mA
Slew Rate
SR
VIN=10V, RL=2kΩ, CL=100pF,
unity gain
8
13
V/
μs
Rise Time
tR
VIN=20mV, RL=2kΩ, CL=100pF,
unity gain
0.1
μs
Overshoot Factor
Kov
VIN=20mV, RL=2kΩ, CL=100pF,
unity gain
10
%
Total Harmonic Distortion
THD
Gv=20dB, f=1kHz, RL=2kΩ,
CL=100pF, VOUT=2Vpp)
0.01
%
Phase Margin
45
Deg.
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1KHz
15
Note: The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in
the junction temperature.


유사한 부품 번호 - TL074L-D14-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL074L-D14-T UTC-TL074L-D14-T Datasheet
396Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074L-D14-T UTC-TL074L-D14-T Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results

유사한 설명 - TL074L-D14-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_10 Datasheet
396Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com