전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431K-T92-B 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 TL431K-T92-B
상세설명  4PROGRAMMABLE PRECISION REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431K-T92-B 데이터시트(HTML) 1 Page - Unisonic Technologies

  TL431K-T92-B Datasheet HTML 1Page - Unisonic Technologies TL431K-T92-B Datasheet HTML 2Page - Unisonic Technologies TL431K-T92-B Datasheet HTML 3Page - Unisonic Technologies TL431K-T92-B Datasheet HTML 4Page - Unisonic Technologies TL431K-T92-B Datasheet HTML 5Page - Unisonic Technologies TL431K-T92-B Datasheet HTML 6Page - Unisonic Technologies TL431K-T92-B Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL431
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-003.AG
4PROGRAMMABLE PRECISION
REFERENCE
DESCRIPTION
The UTC TL431 is a three-terminal adjustable regulator with a
guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF
(approximately 2.5V) and 36V with two external resistors. It provides
very wide applications, including shunt regulator, series regulator,
switching regulator, voltage reference and others.
FEATURES
* Programmable output Voltage to 36V.
* Low dynamic output impedance 0.2Ω.
* Sink current capability of 1.0 to 100mA.
* Equivalent full-range temperature coefficient of 50ppm/ ℃
typical for operation over full rated operating temperature range.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
TL431K-AB3-R
TL431G-AB3-R
SOT-89
R
A
K
-
-
-
-
-
Tape Reel
TL431K-AE2-R
TL431G-AE2-R
SOT-23-3
K
R
A
-
-
-
-
-
Tape Reel
TL431K-AE3-R
TL431G-AE3-R
SOT-23
K
R
A
-
-
-
-
-
Tape Reel
TL431NSL-AE3-R
TL431NSG-AE3-R
SOT-23
R
K
A
-
-
-
-
-
Tape Reel
TL431NSL-AE2-R
TL431NSG-AE2-R
SOT-23-3
R
K
A
-
-
-
-
-
Tape Reel
TL431K-AF5-R
TL431G-AF5-R
SOT-25
X
X
K
R
A
-
-
-
Tape Reel
TL431K-S08-R
TL431G-S08-R
SOP-8
K
A
A
X
X
A
A
R
Tape Reel
TL431K-S08-T
TL431G-S08-T
SOP-8
K
A
A
X
X
A
A
R
Tube
TL431K-T92-B
TL431G-T92-B
TO-92
R
A
K
-
-
-
-
-
Tape Box
TL431K-T92-K
TL431G-T92-K
TO-92
R
A
K
-
-
-
-
-
Bulk
TL431K-T92-R
TL431G-T92-R
TO-92
R
A
K
-
-
-
-
-
Tape Reel
Note: Pin Code: K: Cathode
A: Anode
R: Reference
X: No Connection


유사한 부품 번호 - TL431K-T92-B

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431K-T92-B UTC-TL431K-T92-B Datasheet
87Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
TL431K-T92-B UTC-TL431K-T92-B Datasheet
242Kb / 7P
   PROGRAMMABLE PRECISION REFERENCE
More results

유사한 설명 - TL431K-T92-B

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com