전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT2222 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 PZT2222
상세설명  NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZT2222 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  PZT2222 Datasheet HTML 1Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 2Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 3Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 4Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 5Page - Siemens Semiconductor Group PZT2222 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
PZT 2222
PZT 2222 A
Input waveform and test circuit for determining delay, rise and turn-on time
Turn-on time when switched to ICon = 150 mA; IBon = 15 mA
Input waveform and test circuit for determining storage, fall and turn-off time
Turn-off time when switched to ICon = 150 mA; IBon = 15 mA to cut-off with – IBoff = 15 mA
Pulse generator:
Oscillograph:
duty factor
D = 2 %
rise time
tr 5ns
pulse duration
tp = 200 ns
output impedance
Zi = 10 M
rise time
tr 2ns
output impedance
Zo = 50


유사한 부품 번호 - PZT2222

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
PZT2222 DIOTEC-PZT2222 Datasheet
109Kb / 2P
   Suface Mount Si-Epitaxial Planar Switching Transistors
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
180Kb / 5P
   NPN General Purpose Amplifier
logo
TECH PUBLIC Electronics...
PZT2222A TECHPUBLIC-PZT2222A Datasheet
1Mb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
More results

유사한 설명 - PZT2222

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com