전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4151BCPZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADF4151BCPZ
상세설명  Fractional-N/Integer-N PLL Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4151BCPZ 데이터시트(HTML) 3 Page - Analog Devices

  ADF4151BCPZ Datasheet HTML 1Page - Analog Devices ADF4151BCPZ Datasheet HTML 2Page - Analog Devices ADF4151BCPZ Datasheet HTML 3Page - Analog Devices ADF4151BCPZ Datasheet HTML 4Page - Analog Devices ADF4151BCPZ Datasheet HTML 5Page - Analog Devices ADF4151BCPZ Datasheet HTML 6Page - Analog Devices ADF4151BCPZ Datasheet HTML 7Page - Analog Devices ADF4151BCPZ Datasheet HTML 8Page - Analog Devices ADF4151BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADF4151
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = SDVDD = 3.3 V ± 10%; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating
temperature range is −40°C to +85°C.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
Min
Typ
Max
REFIN CHARACTERISTICS
Input Frequency
10
250
MHz
For f < 10 MHz, ensure slew rate > 21 V/µs
Input Sensitivity
0.7
AVDD
V p-p
Biased at AVDD/21
Input Capacitance
10
pF
Input Current
±60
µA
RF INPUT CHARACTERISTICS
For lower frequencies, ensure slew rate > 400 V/µs
RF Input Frequency (RFIN)
0.5
3.5
GHz
−10 dBm ≤ RF input power ≤ +5 dBm
Prescaler Output Frequency
750
MHz
MAXIMUM PFD FREQUENCY
Fractional-N Mode
Low Spur Mode
26
MHz
Low Noise Mode
32
MHz
Integer-N Mode
32
MHz
CHARGE PUMP
ICP Sink/Source
RSET = 5.1 kΩ
High Value
4.5
mA
Low Value
0.281
mA
RSET Range
2.7
10
kΩ
ICP Leakage
1
nA
VCP = VP/2
Sink and Source Matching
2
%
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
1.5
%
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
Input High Voltage, VINH
1.5
V
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
5.0
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output chosen
Output High Current, IOH
500
µA
Output Low Voltage, VO
0.4
V
IOL = 500 µA
POWER SUPPLIES
AVDD
3.0
3.6
V
DVDD, SDVDD
AVDD
VP
AVDD
5.5
V
DIDD + AIDD2
40
50
mA
VPIDD2
2
mA
VP = 5 V
Low Power Sleep Mode
1
µA


유사한 부품 번호 - ADF4151BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF41510 AD-ADF41510 Datasheet
2Mb / 29P
   10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41510BCPZ AD-ADF41510BCPZ Datasheet
2Mb / 29P
   10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41510BCPZ-RL7 AD-ADF41510BCPZ-RL7 Datasheet
2Mb / 29P
   10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
More results

유사한 설명 - ADF4151BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
   High Voltage, Fractional-N/Integer N PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com