전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4196 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADF4196
상세설명  Low Phase Noise, Fast Settling, 6 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4196 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices ADF4196 Datasheet HTML 10Page - Analog Devices ADF4196 Datasheet HTML 11Page - Analog Devices ADF4196 Datasheet HTML 12Page - Analog Devices ADF4196 Datasheet HTML 13Page - Analog Devices ADF4196 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF4196
Data Sheet
Rev. B | Page 10 of 28
FREQUENCY (Hz)
1k
10k
100k
1M
1
10
100
1000
10M
7nV/ Hz @ 20kHz
Figure 16. Voltage Noise Density Measured at the
Differential Amplifier Output
DRAIN VOLTAGE (V)
0
1
2
3
4
0
100
70
90
80
60
50
40
30
20
10
5
+85°C
SW3
–40°C
+25°C
–40°C
+25°C
+85°C
SW1,
SW2
TUNING VOLTAGE RANGE
Figure 17. On Resistance of the SW1, SW2, and SW3 Loop Filter Switches
PHASE CODE
0
0
1.8
1.5
1.2
0.9
0.6
0.3
130
117
104
91
78
65
52
39
26
13
MEASURED USING AD8302 PHASE DETECTOR
Y-AXIS SCALE: 10mV/DEGREE
RF = 1880MHz, PFD = 26MHz, MOD = 130
X-AXIS SCALE: 2.77°/STEP
Figure 18. Detected RF Output Phase for Phase Code Sweep from 0 to MOD
INTERVAL BETWEEN R0 WRITES SHOULD BE A MULTIPLE OF MOD
REFERENCE CYCLES (5µs) FOR COHERENT PHASE MEASUREMENTS
SIGNAL
GENERATOR
OSCILLOSCOPE
ADF4193
EVAL BOARD
104MHz
5dBm
10MHz
EXT REF
1880MHz
1805MHz
1880MHz
RFOUT
REFIN
SIGNAL
GENERATOR
INPA
AD8302
EVB
VPHS
INPB
Figure 19. Test Setup for Phase Lock Time Measurements


유사한 부품 번호 - ADF4196

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4196 AD-ADF4196 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196BCPZ AD-ADF4196BCPZ Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196BCPZ-RL7 AD-ADF4196BCPZ-RL7 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
More results

유사한 설명 - ADF4196

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 MMIC-CMD245 Datasheet
310Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
   GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com