전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

000-6775-75 데이터시트(PDF) 19 Page - Amphenol Corporation

부품명 000-6775-75
상세설명  Bayonet coupling mechanism provides quick
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

000-6775-75 데이터시트(HTML) 19 Page - Amphenol Corporation

Back Button 000-6775-75 Datasheet HTML 15Page - Amphenol Corporation 000-6775-75 Datasheet HTML 16Page - Amphenol Corporation 000-6775-75 Datasheet HTML 17Page - Amphenol Corporation 000-6775-75 Datasheet HTML 18Page - Amphenol Corporation 000-6775-75 Datasheet HTML 19Page - Amphenol Corporation 000-6775-75 Datasheet HTML 20Page - Amphenol Corporation 000-6775-75 Datasheet HTML 21Page - Amphenol Corporation 000-6775-75 Datasheet HTML 22Page - Amphenol Corporation 000-6775-75 Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
BNC 75 ohm
Amphenol
®
123
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
To meet the need for higher performance,
impedance matched cable interconnections,
Amphenol offers a full line of 75 ohm BNC
connectors. These connectors can be used in a
variety of applications where true 75 ohm
performance is needed to insure lower signal
distortion.
Features/Benefits
Designed for the most popular 75 ohm cables used
in broadcast and CATV applications as well as for
plenum cables and others — these connectors fea-
ture crimp-crimp cable affixment for quick and reli-
able installation.
Two distinct types of 75
Ω BNCs are available. Both
types mate with each other and with 50
Ω BNCs.
• Type 1 is designated 75
Ω BNC-T1 and
provides constant 75
Ω perfomance with low
VSWR DC to 4 GHz.
• Type 2 is designated 75
Ω BNC-T2 and is usable
with low reflection DC to 1 GHz. For applications
above 1 GHz, Type 1 is recommended.
Applications
• Broadcast
• Satellite TV Earth Stations
• Telecommunications
• LAN
• Test and Measurement
• Security Transmission Systems
• Telecom
• Computer Networks
• HDTV
75 ohm
75 ohm Connectors
123
BNC Plugs and Jacks
125-132
Adapters
133-134


유사한 부품 번호 - 000-6775-75

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
000-6775 AMPHENOL-000-6775 Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
000-6775 AMPHENOL-000-6775 Datasheet
4Mb / 16P
   BNC Connectors
More results

유사한 설명 - 000-6775-75

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
JBXFD1G05MCSDSR ETC2-JBXFD1G05MCSDSR Datasheet
1Mb / 4P
   High reliability where quick, simple coupling mechanism is required
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
   Quick coupling
7/21/22
1453062 FESTO-1453062 Datasheet
91Kb / 1P
   Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
   Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
   Quick coupling
557998 FESTO-557998 Datasheet
84Kb / 1P
   Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
   Quick coupling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com