전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM60520-5 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 AM60520-5
상세설명  Hawk Discrete Wire Termination Machine Operation Manual
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

AM60520-5 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  AM60520-5 Datasheet HTML 1Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 2Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 3Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 4Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 5Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 6Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 7Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 8Page - Molex Electronics Ltd. AM60520-5 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Hawk Discrete Wire Termination Machine
Order No TM-011200949
Release Date: 02-16-97
UNCONTROLLED COPY
Page 2 of 39
Revision: D
Revision Date: 03-03-11
WARNING
NEVER
USE THIS MACHINE WITHOUT THE GUARDS OR SAFETY DEVICES THAT ARE
INTENDED TO PREVENT HANDS FROM REMAINING IN THE TERMINATION OR
FEED AREAS. RUNNING THIS MACHINE WITHOUT GUARDS, UNDER ANY
CIRCUMSTANCES, CAN CAUSE SERIOUS INJURY.
NEVER
LIFT THIS MACHINE WITHOUT THE AID OF MECHANICAL LIFTING DEVICES.
SEVERE BACK OR OTHER INJURIES CAN RESULT.
NEVER
OPERATE, SERVICE, OR ADJUST THIS MACHINE, OR INSTALL TERMINATION
TOOLING, WITHOUT PROPER INSTRUCTION AND WITHOUT FIRST READING AND
UNDERSTANDING THE INSTRUCTIONS IN THIS MANUAL.
NEVER
INSTALL TERMINATION TOOLING OR SERVICE THIS MACHINE WHILE IT IS
CONNECTED TO ANY ELECTRICAL POWER SOURCE. DISCONNECT POWER BY
UNPLUGGING THE MACHINE FROM ITS POWER SOURCE.
WORK SAFELY AT ALL TIMES
For Service, Contact Your
Local Molex Sales Office
Molex Application Tooling Group
2200 Wellington Court
Lisle, Illinois 60532
Tel: 630-969-4550
Fax: 630-505-0049


유사한 부품 번호 - AM60520-5

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
AM60522 MOLEX11-AM60522 Datasheet
106Kb / 3P
   OPERATING INSTRUCTIONS
More results

유사한 설명 - AM60520-5

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0623000500 MOLEX-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
10/02/2017
62300-0700 MOLEX11-62300-0700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000500 MOLEX11-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
62300-0500 MOLEX11-62300-0500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000700 MOLEX11-0623000700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000800 MOLEX11-0623000800 Datasheet
30Kb / 1P
   Mini-Cam IV Discrete Wire Termination Machine
0623003100 MOLEX11-0623003100 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator
0623004900 MOLEX11-0623004900 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator for Rebuilt CE Approved
62300-2900 MOLEX-62300-2900 Datasheet
628Kb / 1P
   Flat Flexible Cable and IDT Ribbon Cable Hawk Machine
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
   Termination Machine, Modular Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com