전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51921 데이터시트(PDF) 3 Page - Cyrustek corporation

부품명 ES51921
상세설명  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51921 데이터시트(HTML) 3 Page - Cyrustek corporation

  ES51921 Datasheet HTML 1Page - Cyrustek corporation ES51921 Datasheet HTML 2Page - Cyrustek corporation ES51921 Datasheet HTML 3Page - Cyrustek corporation ES51921 Datasheet HTML 4Page - Cyrustek corporation ES51921 Datasheet HTML 5Page - Cyrustek corporation ES51921 Datasheet HTML 6Page - Cyrustek corporation ES51921 Datasheet HTML 7Page - Cyrustek corporation ES51921 Datasheet HTML 8Page - Cyrustek corporation ES51921 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Ver. 3.2
10/06/23
3
ES51921
22,000 Counts Auto DMM
Pin Description
Pin No
Symbol
Type
Description
1
V+
O
Output of on-chip DC-DC converter.
2
V+
O
Output of on-chip DC-DC converter.
3
DGND
P/G Digital ground. Connecting to 3V battery positive terminal.
4
AGND
P/G Analog ground.
5
AGND
P/G Analog ground.
6
CH+
IO
Positive connection for reference capacitor of high-speed A/D.
7
CH-
IO
Negative connection for reference capacitor of high-speed A/D.
8
CIH
O
High-speed integrator output. Connect to integral capacitor.
9
BUFFH
O
High-speed buffer output pin. Connect to integral resistor.
10
CAZH
O
High-speed auto-zero capacitor connection.
11
CL+
IO
Positive connection for reference capacitor of high-resolution A/D.
12
CL-
IO
Negative connection for reference capacitor of high- resolution A/D.
13
CIL
O
High-resolution integrator output. Connect to integral capacitor.
14
CAZL
O
High-resolution auto-zero capacitor connection.
15
BUFFL
O
High-resolution Buffer output pin. Connect to integral resistor
16
RAZ
O
Buffer output pin in AZ and ZI phase.
17
IVSH
I
Current measurement input for 2200μA, 220mA and 22A modes.
18
IVSL
I
Current measurement input for 220μA, 22mA.
19
OVX
I
Input high voltage for resistance measurement
20
OVH
I
Output connection for resistance measurement
21
OVSG
O
Sense low voltage for resistance measurement
22
OR1
O
Reference resistor connection for 220.00Ω range
23
VR5
O
Voltage measurement ÷10000 attenuator(1000.0V)
24
VR4
O
Voltage measurement ÷1000 attenuator(220.00V)
25
VR3
O
Voltage measurement ÷100 attenuator(22.000V)
26
VR2
O
Voltage measurement ÷10 attenuator(2.2000V)
27
TEST5
IO
Test pin
28
ACVL
O
DC signal low input in ACV/ACA mode. Connect to negative output
of external AC to DC converter.
29
ACVH
O
DC signal high input in ACV/ACA mode. Connect to positive output
of external AC to DC converter.
30
ADI
I
Negative input of internal AC to DC OP Amp.
31
ADO
O
Output of internal AC to DC OP Amp.
32
OHMC1
O
Filter capacitor connection for resistance mode.
33
OHMC2
O
Filter capacitor connection for resistance mode.
34
OHMC3
O
Filter capacitor connection for resistance mode.
35
OHMC4
O
Filter capacitor connection for resistance mode.
36
NC
-
37
VRH
O
Output of band-gap voltage reference. Typically –1.23V
38
VR
I
Reference input voltage connection. Typically –100mV
39
SGND
G
Signal Ground.
40
ADP
I
Measurement input in ADP mode. Connect to AGND if no used.
41
VA+
I
For ADP mode. De-integrating voltage positive input. The input
should be higher than VA-.
42
VA-
I
For ADP mode. De-integrating voltage negative input. The input
should be lower than VA+.
43
V220m
I
Independent input terminal for AC/DC 220.00mV mode.
44
VR1
I
Measurement Input.
45
VBAR
I
In temperature mode, it is used to control decimal point.
In µA or mA modes, it is used to control the ‘µ’ or ‘m’ sign.
46
CA-
IO
Negative auto-zero capacitor connection for capacitor measurement


유사한 부품 번호 - ES51921

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
More results

유사한 설명 - ES51921

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com