전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51932 데이터시트(PDF) 5 Page - Cyrustek corporation

부품명 ES51932
상세설명  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51932 데이터시트(HTML) 5 Page - Cyrustek corporation

  ES51932 Datasheet HTML 1Page - Cyrustek corporation ES51932 Datasheet HTML 2Page - Cyrustek corporation ES51932 Datasheet HTML 3Page - Cyrustek corporation ES51932 Datasheet HTML 4Page - Cyrustek corporation ES51932 Datasheet HTML 5Page - Cyrustek corporation ES51932 Datasheet HTML 6Page - Cyrustek corporation ES51932 Datasheet HTML 7Page - Cyrustek corporation ES51932 Datasheet HTML 8Page - Cyrustek corporation ES51932 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Ver. 1.2
10/05/27
5
ES51932
22,000 Counts Auto DMM
123
SDO
O
RS232 compliant serial data output.
124
C+
O
Positive capacitor connection for on-chip DC-DC converter.
125
C-
O
Negative capacitor connection for on-chip DC-DC converter.
126
V-
P
Negative supply voltage. Connecting to 3V battery negative terminal.
127
V-
P
Negative supply voltage. Connecting to 3V battery negative terminal.
128
LBAT9
I
Low battery configuration. If 3V battery is used, connect it to AGND.
The default low-battery threshold voltage is –2.3V. If 9V battery is
Used, the low battery annunciator is displayed when the voltage of
this pin is less than VRH (-1.2V)
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃
Electrical Characteristics
TA=25℃, V- = -3V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-3.5
-3.0
-2.5
V
IDD
Normal operation
2.0
2.5
mA
Operating supply current
In DCV mode
ISS
In sleep mode
2.5
5
µA
Voltage roll-over error
REV
10MΩ input resistor
±0.03
%F.S1
Voltage nonlinearity
NLV
Best case straight
line
±0.03
%F.S
Input Leakage
-10
1
10
PA
Low battery flag voltage
V- to AGND
-2.5
-2.3
-2.1
V
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Band-gap reference voltage
VREF
100KΩ resistor
between VRH and
AGND
-1.3
-1.2
-1.1
V
Peak to peak backplane
drive voltage
-3.5V
V -2.2V
3.0
3.1
3.2
V
Counter time base period
fOSC = 4MHZ
1
sec
Between V- pin and
HOLD, RANGE,
KEY, FC1, FC2,
FC3, FC4, FC5,
BKLIT,MAXMIN
1.2
Internal pull-high to 0V
current
Between V- pin
and RS232
11
µA
Open circuit voltage for 220Ω
measurement
220Ω mode
-3.0
V


유사한 부품 번호 - ES51932

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51930 CYRUSTEK-ES51930 Datasheet
310Kb / 5P
   10kHz LCR analog front
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
More results

유사한 설명 - ES51932

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com