전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51970 데이터시트(PDF) 3 Page - Cyrustek corporation

부품명 ES51970
상세설명  DMM Analog front end with Inrush
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51970 데이터시트(HTML) 3 Page - Cyrustek corporation

  ES51970 Datasheet HTML 1Page - Cyrustek corporation ES51970 Datasheet HTML 2Page - Cyrustek corporation ES51970 Datasheet HTML 3Page - Cyrustek corporation ES51970 Datasheet HTML 4Page - Cyrustek corporation ES51970 Datasheet HTML 5Page - Cyrustek corporation ES51970 Datasheet HTML 6Page - Cyrustek corporation ES51970 Datasheet HTML 7Page - Cyrustek corporation ES51970 Datasheet HTML 8Page - Cyrustek corporation ES51970 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ver. 2.8
12/01/12
3
ES51970(6000counts)
DMM Analog front end with Inrush
Pin Description
Pin No
Symbol
Type
Description
1
BUFH
O
High-speed buffer output pin. Connect to integral resistor.
2
CAZH
O
High-speed auto-zero capacitor connection.
3
NC
-
Not connected
4
CL+
IO
Positive connection for reference capacitor of high-resolution A/D.
5
CL-
IO
Negative connection for reference capacitor of high- resolution A/D.
6
CIL
O
High-resolution integrator output. Connect to integral capacitor.
7
CAZL
O
High-resolution auto-zero capacitor connection.
8
BUFL
O
High-resolution Buffer output pin. Connect to integral resistor
9
RAZ
O
Buffer output pin in AZ and ZI phase.
10
OHMC3
O
Filter capacitor connection for resistance mode.
11
OHMC2
O
Filter capacitor connection for resistance mode.
12
OHMC1
O
Filter capacitor connection for resistance mode.
13
VRH
O
Output of band-gap voltage reference. Typically –1.23V
14
VA+
I
De-integrating voltage positive input. The input should be higher than
VA-.
15
VA-
I
De-integrating voltage negative input. The input should be lower than
VA+.
16
EXTSRC
I
External source input available for Res/Diode/ADP mode
17
NC
-
Not connected
18
NC
-
Not connected
19
OR1
O
Reference resistor connection for 600.0Ω range
20
VR5
O
Voltage measurement ÷10000 attenuator(1000V)
21
VR4
O
Voltage measurement ÷1000 attenuator(600.0V)
22
VR3
O
Voltage measurement ÷100 attenuator(60.00V)
23
VR2
O
Voltage measurement ÷10 attenuator(6.000V)
24
OVSG
O
Sense low voltage for resistance/voltage measurement
25
VR1
I
Measurement Input. Connect to a precise 10MΩ resistor.
26
OVX
I
Sense input for resistance/capacitance measurement
27
OVH
O
Output connection for resistance measurement
28
OVH1
O
Output connection1 for resistance measurement (optional)
29
NC
-
Not connected
30
NC
-
Not connected
31
NC
-
Not connected
32
NC
-
Not connected
33
NC
-
Not connected
34
NC
-
Not connected
35
NC
-
Not connected
36
SGND
G
Signal Ground.
37
IVSH
I
Current measurement input for 6000μA, 600mA and 60A modes.
38
IVSL
I
Current measurement input for 600μA, 60mA.
39
ADP
I
Measurement input in ADP mode.
40
OPIN-
I
Independent operational amplifier negative input
41
OPIN+
I
Independent operational amplifier positive input
42
OPOUT
O
Independent operational amplifier output
43
ACVL
O
DC signal low input in ACV/ACA mode. Connect to negative output
of external AC to DC converter.
44
ACVH
O
DC signal high input in ACV/ACA mode. Connect to positive output
of external AC to DC converter.
45
ADI
I
Negative input of internal AC-to-DC OPAMP.
46
ADO
O
Output of internal AC-to-DC OPAMP.
47
TEST5
O
Buffer output of OVSG
48
CA-
IO
Negative auto-zero capacitor connection for capacitor measurement
49
CA+
IO Positive auto-zero capacitor connection for capacitor measurement


유사한 부품 번호 - ES51970

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51971 CYRUSTEK-ES51971 Datasheet
830Kb / 16P
   3400 AUTO DMM
logo
List of Unclassifed Man...
ES51972 ETC-ES51972 Datasheet
917Kb / 19P
   3400 AUTO DMM
logo
Cyrustek corporation
ES51972 CYRUSTEK-ES51972 Datasheet
925Kb / 19P
   3400 AUTO DMM
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
logo
Cyrustek corporation
ES51973 CYRUSTEK-ES51973 Datasheet
260Kb / 18P
   4 1/2 A/D
More results

유사한 설명 - ES51970

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com