전자부품 데이터시트 검색엔진 |
|
ES51984 데이터시트(PDF) 11 Page - Cyrustek corporation |
|
ES51984 데이터시트(HTML) 11 Page - Cyrustek corporation |
11 / 22 page 11/01/05 11 ES51984 3 3/4 CAP AUTO DMM The other combinations of FC1, FC2, FC3, and FC4 are for ADP modes. In ADP modes , if FC5 is LOW, the minus sign on the LCD panel will not be displayed. And if KEY pin is floating, the buzzer beeps when the input signal is overflow. The ADP mode function is summarized below. FC1 FC2 FC3 FC4 Mode 1 1 1 0 ADP0 1 1 0 0 ADP1 1 0 0 0 ADP2 1 0 1 0 ADP3 Note: Temperature measurement mode takes input signal from ADP pin. In temperature measurement mode, VBAR pin is used to control the right most digit point on the LCD panel. When VBAR is LOW, this digit point is displayed. 3. Push function 3.1 HOLD HOLD mode makes the meter stop updating the LCD panel. This mode can be nested in most of the special modes. Enabling HOLD function in automatic mode makes the meter switch to manual mode, but the full scale range remains the same. HOLD function can be cancelled by changing the measurement mode, pressing RANGE, or push HOLD again. 3.2 Range RANGE pin switches to and from automatic and manual mode, and while in manual mode, changes the full scale range. The following figure shows the state transition. Automatic Mode Manual Mode 1 push < 1 sec 1 push > 1 sec 1 push < 1 sec Range up Measurement Mode Auto Manual Control Range Initial Range V(DC/AC) VR2 – VR5 VRi → VRi + 1, VR5 → VR1 400.0mV – 4000V 4.000V µA(DC/AC) R1 – R2 R1 → R2, R2 → R1 400.0µA – 4000µA 400.0µA mA (AC/DC) R1-R2 R1 → R2 R2 → R1 40.00mA - 400.0mA 40.00mA |
유사한 부품 번호 - ES51984 |
|
유사한 설명 - ES51984 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |