전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51995 데이터시트(PDF) 5 Page - Cyrustek corporation

부품명 ES51995
상세설명  DMM Analog front end with PEAK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 데이터시트(HTML) 5 Page - Cyrustek corporation

  ES51995 Datasheet HTML 1Page - Cyrustek corporation ES51995 Datasheet HTML 2Page - Cyrustek corporation ES51995 Datasheet HTML 3Page - Cyrustek corporation ES51995 Datasheet HTML 4Page - Cyrustek corporation ES51995 Datasheet HTML 5Page - Cyrustek corporation ES51995 Datasheet HTML 6Page - Cyrustek corporation ES51995 Datasheet HTML 7Page - Cyrustek corporation ES51995 Datasheet HTML 8Page - Cyrustek corporation ES51995 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ver. 2.8
12/01/12
5
ES51995(6000counts)
DMM Analog front end with PEAK
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage & EXTSRC pin
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input (IO_CTRL=V-)
V- -0.6 to uPVCC+0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-55℃ to 125℃
Electrical Characteristics
TA=25℃, V- = -3.0V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-2.8
-3.0
-3.2
V
Operating supply current
In DCV mode
IDD
Normal operation
2.8
3.2
mA
ISS
In sleep mode
1
3
µA
SADC2 Voltage roll-over error
10MΩ input resistor
±0.1
%F.S1
FADC3 Voltage roll-over error
10MΩ input resistor
±0.5
%F.S1
SADC2 voltage nonlinearity
NLV1 Best case straight
line
±0.1
%F.S1
FADC3 voltage nonlinearity
NLV2 Best case straight
line
±1.0
%F.S1
Voltage full scale range of SADC2
VA+-VA- = 200mV
600
630
mV
Voltage full scale range of FADC3
VA+-VA- = 200mV
600
mV
Input Leakage for VR1 input
-10
1
10
pA
Zero input reading
10MΩ input resistor -000
000
+000
Count
Band-gap reference voltage
VRH
100KΩ resistor
between VRH and
AGND
-1.30
-1.22
-1.14
V
Open circuit voltage for 600Ω range
measurement
V-
V
Open circuit voltage for other Ω
measurement
VRH
V
Internal pull-high to 0V
current
Between V- pin and
CS
1.2
µA
AC frequency response at 6.000V
range
±1%
40-400
HZ
±5%
400-2000
OP unity gain bandwidth
GB
CL=10pF
RL=10MΩ
200
kHz
OP slew rate at unity gain
SR
3.5
V/us
OP input offset voltage
VIO
0.1
mV
OP input bias current
IB
10
pA
OP input common mode
voltage range
VICR
+2
V
3dB frequency for LPF4 active
f3dB
3dB=Full (ADP)
100
kHz
3dB=10k (ADP)
10
kHz
3dB=1k (ADP)
1
kHz


유사한 부품 번호 - ES51995

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

유사한 설명 - ES51995

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com