전자부품 데이터시트 검색엔진 |
|
SL3N4ILGH 데이터시트(PDF) 2 Page - Dialight Corporation |
|
SL3N4ILGH 데이터시트(HTML) 2 Page - Dialight Corporation |
2 / 8 page www.dialight.com 2 StreetSense™ LED Street Light Features and Benefits Patented Optics Exclusive precision optics and unique angled mechanical design for precise light that provides minimal light while providing uniform illumination • Uniform light distribution while delivering sharp cut-off, zero up-light • Reflectors are precision manufactured via injection molding and coated with a highly specular optical coating via vacuum-metalization • Precision engineered reflectors and LEDs are coupled to metal clad printed circuit board. Light engine is sealed in an optically optimized premium glass lens • Dedicated IP66 optical cavities for LED arrays maximizes the efficacy and control of distribution from each light engine module • Optical light engines are optimally aimed to maximize light collection and directional distribution onto the application area • High brightness output LEDs deliver exceptional fixture efficacy (up to 92 lm/W) in a choice of three superior quality color temperatures; Cool (5000K ± 300), Neutral (4300K ± 300), Warm (3300K ± 300) with a minimum CRI of 70 • Scotopic to photopic (S/P ratio) of LED is 1:1.6 for 4000K • Lens also available in UV and abrasion resistant polycarbonate clear and frosted lens • No UV or IR emissions • Optional house-side shield is available to further reduce back-side light trespass in residential areas • Anti-reflective coating on the house-side shield prevents the introduction of unwanted glair to the roadway |
유사한 부품 번호 - SL3N4ILGH |
|
유사한 설명 - SL3N4ILGH |