전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848C-7-F 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 BC848C-7-F
상세설명  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC848C-7-F 데이터시트(HTML) 2 Page - Diodes Incorporated

  BC848C-7-F Datasheet HTML 1Page - Diodes Incorporated BC848C-7-F Datasheet HTML 2Page - Diodes Incorporated BC848C-7-F Datasheet HTML 3Page - Diodes Incorporated BC848C-7-F Datasheet HTML 4Page - Diodes Incorporated BC848C-7-F Datasheet HTML 5Page - Diodes Incorporated BC848C-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC846A – BC848C
Document Number: DS11108 Rev. 23 - 2
2 of 6
www.diodes.com
August 2011
© Diodes Incorporated
BC846A-BC848C
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
BC846
VCBO
80
V
BC847
50
BC848
30
Collector-Emitter Voltage
BC846
VCEO
65
V
BC847
45
BC848
30
Emitter-Base Voltage
BC846, BC847
VEBO
6.0
V
BC848
5.0
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
5. For a device surface mounted on minimum recommended pad layout FR4 PCB with high coverage of single sided 1oz copper in still air conditions; the
device is measured when operating in a steady-state condition.


유사한 부품 번호 - BC848C-7-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC848C-7 DIODES-BC848C-7 Datasheet
60Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
More results

유사한 설명 - BC848C-7-F

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com