전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCW_JDSH_EC 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LCW_JDSH_EC
상세설명  Technology: InGaN on Sapphire
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW_JDSH_EC 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LCW_JDSH_EC Datasheet HTML 6Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 7Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 8Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 9Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 10Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 11Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 12Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 13Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2012-02-15
10
Version 2.0 - OS-PCN-2012-006-A
LCW JDSH.EC
Color Temperature 5000K
5) page 24
Farbtemperatur 5000K
5) Seite 24
6L
0.3692
0.3677
5N
0.3822
0.3670
0.3714
0.3775
0.3853
0.3776
0.3773
0.3726
0.3898
0.3716
0.3799
0.3828
0.3934
0.3825
7L
0.3714
0.3775
6N
0.3853
0.3776
0.3736
0.3874
0.3885
0.3882
0.3799
0.3828
0.3934
0.3825
0.3826
0.3931
0.3970
0.3935
5M
0.3746
0.3624
7N
0.3885
0.3882
0.3773
0.3726
0.3916
0.3987
0.3822
0.3670
0.3970
0.3935
0.3853
0.3776
0.4006
0.4044
6M
0.3773
0.3726
0.3799
0.3828
0.3853
0.3776
0.3885
0.3882
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5H
0.3366
0.3369
5I
0.3440
0.3428
0.3369
0.3451
0.3448
0.3515
0.3440
0.3428
0.3515
0.3487
0.3448
0.3515
0.3527
0.3578
6H
0.3369
0.3451
6I
0.3448
0.3515
0.3373
0.3534
0.3456
0.3601
0.3448
0.3515
0.3527
0.3578
0.3456
0.3601
0.3539
0.3669
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


유사한 부품 번호 - LCW_JDSH_EC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCW-JDSH.EC OSRAM-LCW-JDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - LCW_JDSH_EC

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
SP42450 SIPAT-SP42450 Datasheet
309Kb / 10P
   SP5T Absorptive Silicon-on-Sapphire
logo
Vishay Siliconix
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
   Utilizing InGaN technology
Rev. 1.1, 05-Mar-08
VLMW322 VISHAY-VLMW322 Datasheet
217Kb / 8P
   High efficient INGaN technology
Rev. 1.3, 16-May-13
VLMW45R1S1-5K6L-08 VISHAY-VLMW45R1S1-5K6L-08 Datasheet
182Kb / 8P
   High efficient InGaN technology
Rev. 1.4, 03-Aug-15
VLMW41 VISHAY-VLMW41 Datasheet
181Kb / 8P
   High efficient InGaN technology
Rev. 1.8, 03-Aug-15
logo
Seoul Semiconductor
EWT801-S SEOUL-EWT801-S Datasheet
296Kb / 21P
   Package: White PLCC2 White Color Technology: InGan/Gan
logo
Lite-On Technology Corp...
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
Hantronix,Inc
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
   Chip On Glass technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com