전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWJDSH.EC-FRFT-5O8Q-L1N2 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LCWJDSH.EC-FRFT-5O8Q-L1N2
상세설명  Technology: InGaN on Sapphire
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSH.EC-FRFT-5O8Q-L1N2 데이터시트(HTML) 1 Page - OSRAM GmbH

  LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 1Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 2Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 3Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 4Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 5Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 6Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 7Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 8Page - OSRAM GmbH LCWJDSH.EC-FRFT-5O8Q-L1N2 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2012-02-15
1
2012-02-15
DURIS E 5
Datasheet
Version 2.0 - OS-PCN-2012-006-A
LCW JDSH.EC
The DURIS™ E 5 combines high efficacy and a wide
beam angle into a compact format (5.6 mm x 3.0 mm).
This is key to homogeneous illumination applications
where the DURIS™ E 5 never fails to impress with its
performance on system level.
Die DURIS™ E 5 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(5.6 mm x 3.0 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS™ E 5 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Technology: InGaN on Sapphire
Technologie: InGaN on Sapphire
Viewing angle at 50 % I
V: (typ.) 120°
Abstrahlwinkel bei 50 % I
V: (typ.) 120°
Color: white; CRI (typ.) = 85; CTR = 5000 K
Farbe: weiß; CRI (typ.) = 85; CTR = 5000 K
Optical efficiency (typ.): 112 lm/W (white) at
5000 K
Optischer Wirkungsgrad (typ.): 112 lm/W
(weiß) at 5000 K
ESD-withstand voltage: up to 5 kV acc. to
JESD22-A114-F
ESD-Festigkeit: ESD-sicher bis 5 kV nach
JESD22-A114-F
Applications
Anwendungen
Retrofit lamps
Lampenretrofits
Task lights
Schreibtischlampen
White goods
Weiße Ware
Channel letters
Leuchtbuchstaben


유사한 부품 번호 - LCWJDSH.EC-FRFT-5O8Q-L1N2

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - LCWJDSH.EC-FRFT-5O8Q-L1N2

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
SP42450 SIPAT-SP42450 Datasheet
309Kb / 10P
   SP5T Absorptive Silicon-on-Sapphire
logo
Vishay Siliconix
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
   Utilizing InGaN technology
Rev. 1.1, 05-Mar-08
VLMW322 VISHAY-VLMW322 Datasheet
217Kb / 8P
   High efficient INGaN technology
Rev. 1.3, 16-May-13
VLMW45R1S1-5K6L-08 VISHAY-VLMW45R1S1-5K6L-08 Datasheet
182Kb / 8P
   High efficient InGaN technology
Rev. 1.4, 03-Aug-15
VLMW41 VISHAY-VLMW41 Datasheet
181Kb / 8P
   High efficient InGaN technology
Rev. 1.8, 03-Aug-15
logo
Seoul Semiconductor
EWT801-S SEOUL-EWT801-S Datasheet
296Kb / 21P
   Package: White PLCC2 White Color Technology: InGan/Gan
logo
Lite-On Technology Corp...
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
Hantronix,Inc
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
   Chip On Glass technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com