전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

32.0702 데이터시트(PDF) 52 Page - Schurter Inc.

부품명 32.0702
상세설명  FUSEHOLDERS / SICHERUNGSHALTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

32.0702 데이터시트(HTML) 52 Page - Schurter Inc.

Back Button 32.0702 Datasheet HTML 48Page - Schurter Inc. 32.0702 Datasheet HTML 49Page - Schurter Inc. 32.0702 Datasheet HTML 50Page - Schurter Inc. 32.0702 Datasheet HTML 51Page - Schurter Inc. 32.0702 Datasheet HTML 52Page - Schurter Inc. 32.0702 Datasheet HTML 53Page - Schurter Inc. 32.0702 Datasheet HTML 54Page - Schurter Inc. 32.0702 Datasheet HTML 55Page - Schurter Inc. 32.0702 Datasheet HTML 56Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
SCHURTER AG Switzerland,
¤ (+)++41-41 369 31 11 Fax (+)++41-41 369 34 03 E-mail: contact@schurter.ch Internet: http.//www.schurter.ch
190
Fuseholder
open design, Type FME
panel mount, front side
solder terminals, tin-plated
Sicherungshalter
offene Bauart, Typ FME
für Plattenmontage, von Frontseite
Lötanschlüsse verzinnt
Order No./ Bestell-Nr.
0031.7503
Fuseholder / Sicherungshalter
Passende Kleinst-Sicherungseinsätze
Typ MSF 125 siehe Seite 67
Suitable sub-miniature fuse-links
Type MSF 125 see page 67
Approvals / Approbationen
UL
CSA
CS Australia
Standards / Normen
UL 512, CSA C22.2-39
Panel cutout /
Durchbruch in
Montageplatte
FUSEHOLDERS / SICHERUNGSHALTER
for Sub-miniature fuse-links /
für Kleinst-Sicherungseinsätze
Technical data
• Rated voltage: 125 V
• Rated current: 5 A
• Admissible ambient temperature:
–40 °C to +85 ºC
• Dielectric strength (AC / 1 Min):
2 kV between the terminals
• 3 kV between metal mounting plate
(2,5 mm) and live parts
• Insulation resistance (500 V DC/1 Min):
> 104 M
Ω between the terminals
• Contact resistance: 5 m
• Solderability: 235 ºC/2 s, according to
IEC 60068-2-20, test Ta, method 1
• Resistance to soldering heat: 350 ºC/
5 s, according to IEC 60068-2-20,
test Tb, method 1B
• Materials: Socket duroplastic, flamma-
bility class UL 94V-0
• Terminals: copper alloy, silver plated
Technische Daten
• Nennspannung: 125 V
• Nennstrom: 5 A
• Zulässige Umgebungstemperatur:
–40 °C to +85 ºC
• Spannungsfestigkeit (AC / 1 Min): 2 kV
zwischen den Anschlüssen
• 3 kV zwischen Metall-Montageplatte
(2,5 mm) und unter Spannung stehen-
den Teilen.
• Isolationswiderstand (500 V DC/1 Min)
> 104 M
Ω zwischen den Anschlüssen
• Durchgangswiderstand: 5 m
• Lötbarkeit: 235 ºC/2 s, nach
IEC 60068-2-20, Test Ta, Methode 1
• Lötwärmebeständigkeit: 350 ºC/5 s,
nach IEC 60068-2-20, Test Tb,
Methode 1B
• Material: Sockel Duroplast, Brennbar-
keitsstufe UL 94V-0
• Anschlüsse: Kupferlegierung, versilbert
50
75
100


유사한 부품 번호 - 32.0702

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
32.206.082 ETC2-32.206.082 Datasheet
43Kb / 1P
   CERAMIC WIRE WOUND PRTDS ARE SUITABLE
32.206.099 ETC2-32.206.099 Datasheet
43Kb / 1P
   CERAMIC WIRE WOUND PRTDS ARE SUITABLE
32.206.105 ETC2-32.206.105 Datasheet
55Kb / 1P
   CERAMIC WIRE WOUND PRTDS ARE SUITABLE
32.206.109 ETC2-32.206.109 Datasheet
55Kb / 1P
   CERAMIC WIRE WOUND PRTDS ARE SUITABLE
32.206.112 ETC2-32.206.112 Datasheet
43Kb / 1P
   CERAMIC WIRE WOUND PRTDS ARE SUITABLE
More results

유사한 설명 - 32.0702

제조업체부품명데이터시트상세설명
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
   FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
   Fuseholders
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
   Fuseholders
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
   FUSEHOLDERS
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
   FUSEHOLDERS
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
   Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
   Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
   Fuseholders
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com