전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4320X 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 TDA4320X
상세설명  FM-IF with Counter Output, Field Strength Indicator, Noise Detector and MUTE Setting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4320X 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  TDA4320X Datasheet HTML 1Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 2Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 3Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 4Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 5Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 6Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 7Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 8Page - Siemens Semiconductor Group TDA4320X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TDA 4320X
Semiconductor Group
39
04.96
2
Functional Description
The FM-IF demodulator TDA 4320X has been developed especially for car radio
applications. The on-chip multipath identification circuit activates an interference
suppression circuit in case of multipath interferences.
3
Circuit Description
The IC includes a 7-stage capacitive coupled limiter amplifier with coincidence
demodulator and AF output. The AF output signal can be continuously attenuated to
decrease the noise. In case of multipath interferences, the TDA 4320X includes an
identification circuitry. There is a field strength output (with min. 76 dB dynamic range,
typ.
± 1 dB nonlinearity and typ. ± 3 dB temperature drift), an IF counter output and an
adjustable muting (with full muting
≥ 80 dB).


유사한 부품 번호 - TDA4320X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA4321XS ETC-TDA4321XS Datasheet
110Kb / 16P
   FM-IF IC with counter output, analog STS, field strength indicator, noise detector and mute setting
More results

유사한 설명 - TDA4320X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA4321XS ETC-TDA4321XS Datasheet
110Kb / 16P
   FM-IF IC with counter output, analog STS, field strength indicator, noise detector and mute setting
logo
Siemens Semiconductor G...
TDA4210-3 SIEMENS-TDA4210-3 Datasheet
136Kb / 6P
   FM IF IC WITH SEARCH TUNING STOP PULSE, FIELD STRENGTH INDICATOR, MUTE SETTING AND MULTIPATH
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
logo
Harris Corporation
CA2111A HARRIS-CA2111A Datasheet
55Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com