전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5666-5 데이터시트(PDF) 10 Page - Siemens Semiconductor Group

부품명 TDA5666-5
상세설명  Video Modulator for FM-Audio
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5666-5 데이터시트(HTML) 10 Page - Siemens Semiconductor Group

Back Button TDA5666-5 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 10Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 11Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 12Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 13Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Semiconductor Group
10
TDA 5666-5
FM-mod.; static
mod. characteristic
∆ f
A/OSC
± 150 ± 210 ± 270
kHz
∆V
AF = V1-V2 = ± 1 V1
FM-mod.; dynamic
mod. characteristic
∆ f
A/OSC/
∆V
AF
0.25
0.32
0.39
kHz/
mV
1
Audio preamplifier
input impedance
(dynamic)
Z1
200
k
1
AC/DC-Characteristics (cont’d)
TA = 25
oC; V
S = 12 V
Parameter
Symbol
Limit Values
Unit
Test
Condition
Test
Circuit
min.
typ.
max.


유사한 부품 번호 - TDA5666-5

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
   Modular for TV, Video and Sound Signals
TDA5664 SIEMENS-TDA5664 Datasheet
307Kb / 19P
   5V-Modulator
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
More results

유사한 설명 - TDA5666-5

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Sanyo Semicon Device
LA7058R SANYO-LA7058R Datasheet
64Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use?
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use
logo
NXP Semiconductors
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
   VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com