전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33981 데이터시트(PDF) 7 Page - Freescale Semiconductor, Inc

부품명 MC33981
상세설명  Single High Side Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33981 데이터시트(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33981 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33981 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33981
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
 VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR)
Battery Supply Voltage Range
Fully Operational
Extended(8)
VPWR
6.0
4.5
27.0
27.0
V
VPWR Supply Current
INHS = 1 and OUT Open, INLS = 0
IPWR(ON)
10.0
12.0
mA
VPWR Supply Current
INHS = INLS = 0, EN = 5.0 V, OUT Connected to GND
IPWR(SBY)
10.0
12.0
mA
Sleep-state Supply Current
(VPWR < 14 V, EN = 0 V, OUT Connected to GND)
TA = 25 C
TA = 125 C
IPWR(SLEEP)
5.0
50.0
A
Under-voltage Shutdown
VPWR(UV)
2.0
4.0
4.5
V
Under-voltage Hysteresis
VPWR(UVHYS)
0.05
0.15
0.3
V
POWER OUTPUT (IOUT, VPWR)
Output Drain-to-Source ON Resistance (IOUT = 20 A, TA = 25 C)
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13.0 V
RDS(ON)25
6.0
5.0
4.0
m
Output Drain-to-Source ON Resistance (IOUT = 20 A, TA = 150 C)
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13.0 V
RDS(ON)150
10.2
8.5
6.8
m
Output Source-to-Drain ON Resistance (IOUT = -20 A, TA = 25 C)(9)
VPWR = - 12 V
RSD(ON)
8.0
m
Output Over-current Detection Level
9.0 V < VPWR < 16 V
IOCH
75
100
125
A
Current Sense Ratio
9.0 V < VPWR < 16 V, CSNS < 4.5 V
CSR
1/20000
Current Sense Ratio (CSR) Accuracy
9.0 V < VPWR < 16 V, CSNS < 4.5 V
Output Current
5.0 A
15 A, 20 A, and 30 A
CSR_ACC
-20
-15
20
15
%
Notes
8.
OUT can be commanded fully on, PWM is available at room. Low Side Gate driver is available. Protections and Diagnosis are not
available. Min/max parameters are not guaranteed.
9.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.


유사한 부품 번호 - MC33981

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
   High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
   Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ABHFK NXP-MC33981ABHFK Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ADHFK NXP-MC33981ADHFK Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results

유사한 설명 - MC33981

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
logo
New Japan Radio
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
   Single High Side Switch
logo
STMicroelectronics
IPS160H STMICROELECTRONICS-IPS160H Datasheet
766Kb / 26P
   Single high-side switch
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
logo
New Japan Radio
NJW4820 NJRC-NJW4820_14 Datasheet
268Kb / 9P
   Single Low Side Switch
logo
Infineon Technologies A...
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
NEC
UPD16876 NEC-UPD16876 Datasheet
137Kb / 20P
   SINGLE Pch HIGH-SIDE SWITCH FOR USB
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
   Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
   High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com