전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5931-65 데이터시트(PDF) 10 Page - Siemens Semiconductor Group

부품명 TDA5931-65
상세설명  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5931-65 데이터시트(HTML) 10 Page - Siemens Semiconductor Group

Back Button TDA5931-65 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 10Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 11Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 12Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Semiconductor Group
40
TDA 5931-65
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Differential Gain with
fPC = 10 mV (staircase signal)
Peak to Peak According to CCIR Rec. 567-1
Staircase signal
Changes via AGC
Changes via detuning
fPC = 38.9 MHz;
f ± 400 kHz
DG
DG / v
DG / f
4.5
6
± 1
± 1.5
%
%
%
Differential Phase with
fPC = 10 mVrms (staircase signal)
Peak to Peak According to CCIR Rec. 567-1
Staircase signal
Changes via AGC
Changes via detuning
fPC = 38.9 MHz;
f ± 400 kHz
DP
DP / v
DP / f
2
2.5
1
± 1
degree
degree
degree
Interdemodulation Ratio
With
fIM= 1.07 MHz = fTTfFT
With
BT = 10 mVeff
With sound porch – 13 dB
With sound porch – 13 dB
With sound porch – 13 dB
aIM
aIM
aIM
32
54
51
38
60
57
dB
dB
dB
OFW G 3950
OFW 361D
OFW G 1956
Demodulator Tank Circuit Voltage
fPC = 38.9 MHz; C = 47 pF
L = 350 nH
100
Q
0 ≤ 120; Q8 ≈ 60;
B
≈ 0.8 … 1.0 MHz
V10/11
300
450
600
mVpp
Synchron pulse
V
Sync/V6
5%


유사한 부품 번호 - TDA5931-65

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
More results

유사한 설명 - TDA5931-65

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com