전자부품 데이터시트 검색엔진 |
|
D0220MD-48-4001F 데이터시트(PDF) 2 Page - Newhaven Display International, Inc. |
|
D0220MD-48-4001F 데이터시트(HTML) 2 Page - Newhaven Display International, Inc. |
2 / 6 page October 31, 2006 Vacuum Fluorescent Display Specification PART NUMBER: D0220MD-48-4001F FEATURES: 2 Row x 20 Digits, 5x7 Dot Matrix with Carrot – All APPLICATION: Character Display ( Dot Matrix ) RATINGS: Below m m 0 . 5 7 1 . L . P h t g n e L l e n a P Outer Dimensions m m 3 . 8 4 . H . P t h g i e H l e n a P Panel Thickness P.T. 10.5 mm Leads m m 4 5 . 2 . P . L h c ti P d a e L L I S - t u O d a e L Character Size Character Height C.H. 10.5 mm Character Width C.W. 5.5 mm Item Symbol Min. Recommended Max. Unit Filament Voltage Ef 6.4 7.1 7.8 Vac Peak Grid Voltage ec - 52.0 58.0 Vp-p Peak Anode Voltage eb - 52.0 58.0 Vp-p - - - - - - Duty Cycle Du - 1/ 43 - - Pulse Width tp - 100 - uS Operating Temperature Topr -40 - + 85 C Storage Temperature Tstg -50 - + 95 C Color of Illumination Green -1- |
유사한 부품 번호 - D0220MD-48-4001F |
|
유사한 설명 - D0220MD-48-4001F |