전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-1JB-500 데이터시트(PDF) 3 Page - Amphenol Corporation

부품명 A-1JB-500
상세설명  EASY SNAP-ON/OFF MATING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

A-1JB-500 데이터시트(HTML) 3 Page - Amphenol Corporation

  A-1JB-500 Datasheet HTML 1Page - Amphenol Corporation A-1JB-500 Datasheet HTML 2Page - Amphenol Corporation A-1JB-500 Datasheet HTML 3Page - Amphenol Corporation A-1JB-500 Datasheet HTML 4Page - Amphenol Corporation A-1JB-500 Datasheet HTML 5Page - Amphenol Corporation A-1JB-500 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Amphenol® RF:
800-627-7100
AMC Specifications
Electrical
Impedance
50 Ω
Frequency range
DC - 6 GHz
VSWR
1.3 max. @ DC - 3 GHz
1.4 max. @ 3 - 6 GHz
Contact resistance
center contact: ≤ 20 mΩ
outer contact: ≤ 10 mΩ
Mechanical
Mating
Snap-on coupling
Attachment method (inner / outer)
n/a
Center conductor cable affixment
n/a
Center contact retention force
0.15 N
Durability (matings)
30 cycles minimum
Environmental
Temperature range
-40°C to +90°C
Material
Body and outer contacts
Phosphor bronze, silver plated 0.08u min.
Male contact
Brass, gold plated 0.2u min.
Female contact
Phosphor bronze, gold plated 0.2u min.
Insulator
PBT or LCP
Cable jacket and dielectric
FEP
Custom Right Angle Plug Jumpers also available! For your convenience, please use the
numbering system below to create your own part number:
AMC
A-1PAVWWW-XXXYZ
A:
Series Name (A=AMC)
1PA:
Plug
V:
Connector Orientation
•(dash)–BoththeSameDirection
•C–90deg.ClockwiseOffset
•F–180deg.Offset
•R–270deg.Offset
WWW: Cable diameter (OD)
•113–1.13mm
•132–1.32mm(doubleshielded)
•137–1.37mm
XXX: Cable length in mm
Y: Cable color:
•G–gray
•B–black
•W–white
Z: Number of terminated ends:
•1
•2
AMC


유사한 부품 번호 - A-1JB-500

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
A-1JB AMPHENOL-A-1JB Datasheet
91Kb / 1P
   AMC PCB JACK SURFACE MOUNT
logo
Amphenol RF.
A-1JB RF-A-1JB Datasheet
232Kb / 1P
   AMC PCB JACK SURFACE MOUNT TAPE & REEL
02/05/16
More results

유사한 설명 - A-1JB-500

제조업체부품명데이터시트상세설명
logo
P-tec Corporation
PLH3535-WCUV03 P-TEC-PLH3535-WCUV03 Datasheet
794Kb / 9P
   Easy mounting on PCB
logo
Molex Electronics Ltd.
502078-1710 MOLEX-502078-1710 Datasheet
1Mb / 2P
   Easy-On FPC Connector
logo
P-tec Corporation
PLH3535-WCUV01 P-TEC-PLH3535-WCUV01 Datasheet
923Kb / 8P
   Easy mounting on PCB
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
   On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
   On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
   On off valve
4/13/22
197131 FESTO-197131 Datasheet
85Kb / 1P
   On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
   On off valve
4/1/22
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com