전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4747A 데이터시트(PDF) 2 Page - Frontier Electronics.

부품명 1N4747A
상세설명  1WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4747A 데이터시트(HTML) 2 Page - Frontier Electronics.

  1N4747A Datasheet HTML 1Page - Frontier Electronics. 1N4747A Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4736A THRU 1N4764A
Page: 1
Figure 3. Typical Thermal Resistance versus Lead Length
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2 3
5
7
10
20
30
50 70
100
VZ, ZENER CURRENT (mA)
Iz=1mA
5mA
20mA
Tj=25ºC
Iz(ms)=0.1Iz(do)
f=60hz
Figure 4. Effect of Zener Current
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50%OF BREAKDOWN BIAS
0VBIAS
0VBIAS
FIG.1A- Range for Units to 12 Volts
+12
+10
+8
+6
+4
+2
0
-2
-4
2
3
4
5
6
7
8
9
10
11 12
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
FIG.1B- Range for Units to 12 to 100 Volts
100
70
50
30
20
10
7
5
3
2
1
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
RANGE
VZ@IZT
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
L, LEAD LENGTH TO HEAT SINK (INCHES)
Figure 2. Temperature Coefficients (-55ºC to+150ºC temperature change; 90% of the units are in the ranges indicated.)
+6
+4
+2
0
-2
-4
3
4
5
6
7
8
20mA
1mA
0.01mA
VZ@IZ
TA=25ºC
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
CHANGES IN ZENER CURRENT DO NOT
EFFECT TEMPERATURE COEFFICIENTS
VZ, ZENER VOLTAGE (VOLTS)
1.25
1.0
0.75
0.5
0.25
Figure. 7 - Power Temperature Derating Curve
0
20
40
60
80
100
120
140
160
180
200
TL, LEAD TEMPERATURE (
OC)


유사한 부품 번호 - 1N4747A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4747A PHILIPS-1N4747A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4747A RENESAS-1N4747A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4747A ANOVA-1N4747A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4747A ETC1-1N4747A Datasheet
56Kb / 2P
   ZENER DIODES
More results

유사한 설명 - 1N4747A

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
Frontier Electronics.
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
ZSL10-200B FRONTIER-ZSL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
logo
Jinan Gude Electronic D...
1EZ110D5 JGD-1EZ110D5 Datasheet
109Kb / 2P
   1WATT SILICON ZENER DIODE
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
DL4728A FRONTIER-DL4728A Datasheet
128Kb / 2P
   1WATT MELF ZENER DIODE
DL4728A-LFR FRONTIER-DL4728A-LFR Datasheet
129Kb / 2P
   1WATT MELF ZENER DIODE
logo
Formosa MS
ZS100L FORMOSA-ZS100L Datasheet
204Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com