전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM07-100 데이터시트(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 BYM07-100
상세설명  Surface Mount Glass Passivated Ultrafast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BYM07-100 데이터시트(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BYM07-100 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BYM07-100 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage 50 to 400V
Forward Current 0.5A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
Unit
Fast efficient device: 1st band is Green
EGL34A
EGL34B
EGL34C
EGL34D
EGL34F
EGL34G
Polarity color bands (2nd Band)
Gray
Red
Pink
Orange Brown Yellow
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
V
Maximum average forward rectified current at TT = 75°C
IF(AV)
0.5
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method)
IFSM
10
A
Maximum full load reverse current,
IR(AV)
50
µA
full cycle average at TA = 55°C
Maximum thermal resistance (Note 1, 2)
R
ΘJA
150
R
ΘJT
70
°C/W
Operating junction and storage temperature range
TJ,TSTG
–65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
Unit
EGL34A
EGL34B
EGL34C
EGL34D
EGL34F
EGL34G
Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 125°C
IR
50
µA
Maximum instantaneous forward voltage at 0.5A
VF
1.25
1.35
V
Max. reverse recovery time at IF = 0.5A, IR = 1.0A, Ir r= 0.25A
trr
50
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
7.0
pF
Notes: (1) Thermal resistance from junction to ambient, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Capable of meeting environmental standards of
MIL-S-19500
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Fast switching for high efficiency
• High temperature soldering guaranteed: 450°C/5 seconds
at terminals. Complete device submersible temperature
of 260°C for 10 seconds in solder bath
Case: JEDEC DO-213AA, molded plastic over glass body
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity: Two bands indicate cathode end – 1st band
denotes device type and 2nd band denotes repetitive
peak reverse voltage rating
Mounting Position: Any Weight: 0.0014 oz., 0.036 g
BYM-7-50--BYM07-400
EGL34A-EGL34G
Surface Mount Glass Passivated Ultrafast Rectifier
Features
Mechanical Data
SOLDERABLE ENDS
D2
D2=D1
0
0.20
0.5± 0.1
0.5± 0.1
3.5± 0.2
DO - 213AA
Dimensions in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - BYM07-100

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BYM07-100 GE-BYM07-100 Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYM07-100 VISHAY-BYM07-100 Datasheet
49Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
03-Apr-03
BYM07-100 VISHAY-BYM07-100 Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-08
BYM07-100 VISHAY-BYM07-100 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-100 VISHAY-BYM07-100 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results

유사한 설명 - BYM07-100

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com