전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM109 데이터시트(PDF) 2 Page - Frontier Electronics.

부품명 SM109
상세설명  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM109 데이터시트(HTML) 2 Page - Frontier Electronics.

  SM109 Datasheet HTML 1Page - Frontier Electronics. SM109 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5817 THRU SM1010
Page: 2
RATINGS AND CHARACTERISTIC CURVE SM5817 THRU SM1010
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125
TJ=75
TJ=25
SM5817~5819
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=150℃
TJ=75℃
TJ=25℃
TJ=125℃
SM105~1010
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
0.70
0.50
0.25
0
0
20
40
60
80
100
120
140
SINGLE PHASE
HALF WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1
.3
.5
.7
.9
1.1
1.3 1.5
1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
SM107~
SM1010
SM105~
SM106
SM5817
SM5818
SM5819


유사한 부품 번호 - SM109

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
SM109-LFR FRONTIER-SM109-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SM109.SA ETC2-SM109.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
RF Monolithics, Inc
SM10996-14 RFM-SM10996-14 Datasheet
15Kb / 1P
   14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint
More results

유사한 설명 - SM109

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com