전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF3K 데이터시트(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 UF3K
상세설명  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF3K 데이터시트(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF3K Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF3K Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.5± 0.25
1.5± 0.25
8.3± 0.2
0.25± 0.06
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO-214AB,molded plastic
Polarity: Color band denotes cathode
Weight: 0.007 ounces,0.21 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UF3D
UF3G
UF3J
UF3K
UF3M
UD
UG
UJ
UK
UM
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
V
DC
200
400
600
800
1000
V
Maximum average forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage at3.0 A
VF
1.4
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=125
Typical reverse recovery time
(Note1)
t
rr
ns
Typical junction capacitance
(Note2)
C
J
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
75
15
12
IR
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
1.0
15
100
50
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
3.0 A
- 55 ---- + 150
35
DO-214AB(SMC)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plastic material carries U/L recognition 94V-0
100
50
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
A
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
I
F(AV)
3.0
70
UNITS
- 55 ---- + 150
UF3A
UF3B
50
100
A
100
IFSM
1.7
Device marking code
UA
UB
Dimensions in millimeters
UF3A-UF3M
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - UF3K

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF3K PANJIT-UF3K Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Shanghai Shunye Electro...
UF3K SHUNYE-UF3K Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Surge Components
UF3K SURGE-UF3K Datasheet
86Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Microdiode Electronics ...
UF3K CHENDA-UF3K Datasheet
535Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Transys Electronics
UF3K TRSYS-UF3K Datasheet
180Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

유사한 설명 - UF3K

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com