전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YW80C196NU40 데이터시트(PDF) 5 Page - Intel Corporation

부품명 YW80C196NU40
상세설명  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

YW80C196NU40 데이터시트(HTML) 5 Page - Intel Corporation

  YW80C196NU40 Datasheet HTML 1Page - Intel Corporation YW80C196NU40 Datasheet HTML 2Page - Intel Corporation YW80C196NU40 Datasheet HTML 3Page - Intel Corporation YW80C196NU40 Datasheet HTML 4Page - Intel Corporation YW80C196NU40 Datasheet HTML 5Page - Intel Corporation YW80C196NU40 Datasheet HTML 6Page - Intel Corporation YW80C196NU40 Datasheet HTML 7Page - Intel Corporation YW80C196NU40 Datasheet HTML 8Page - Intel Corporation YW80C196NU40 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
PRELIMINARY
1
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
1.0
PRODUCT OVERVIEW
The 8XC196NU is a member of Intel’s 16-bit MCS® 96 microcontroller family. The device features 1 Mbyte of
linear address space, a demultiplexed bus, and a chip-select unit. The external bus can dynamically switch
between multiplexed and demultiplexed operation.
Figure 1. 8XC196NU Block Diagram
Timer 1
Timer 2
Event
Processor
Array
Serial
Port
Baud
Rate
Gen
Port 2
Port 1
Port 1/
EPA3:0,
Timer 1,
Timer 2
Port 2/
Hold Control,
SIO,
EXTINT1:0
Pulse
Width
Modulator
Microcode
Engine
RALU
CPU
Peripheral
Transaction
Server
AD15:0
A15:0
A19:16/
EPORT3:0
Chip Select
CS5:0#
Interrupt
Controller
16
16
8
1000
Byte
Register
File
24 Bytes
CPU SFRs
Memory Controller
with
Chip Select
Queue
Port
3
Port
4
Port 3/
EXTINT3:2
Port 4/
PWM2:0
A2822-02
Control
Signals
48 Kbytes
ROM
(optional)


유사한 부품 번호 - YW80C196NU40

제조업체부품명데이터시트상세설명
logo
InnovASIC, Inc
YW80C186EB20 INNOVASIC-YW80C186EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
YW80C186EB25 INNOVASIC-YW80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
YW80C188EB20 INNOVASIC-YW80C188EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
YW80C188EB25 INNOVASIC-YW80C188EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

유사한 설명 - YW80C196NU40

제조업체부품명데이터시트상세설명
logo
Intel Corporation
S80C196NU40 INTEL-S80C196NU40 Datasheet
3Mb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
80296SA INTEL-80296SA Datasheet
349Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com