전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7457 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7457
상세설명  Low Power, Pseudo Differential, 100 kSPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7457 데이터시트(HTML) 4 Page - Analog Devices

  AD7457_05 Datasheet HTML 1Page - Analog Devices AD7457_05 Datasheet HTML 2Page - Analog Devices AD7457_05 Datasheet HTML 3Page - Analog Devices AD7457_05 Datasheet HTML 4Page - Analog Devices AD7457_05 Datasheet HTML 5Page - Analog Devices AD7457_05 Datasheet HTML 6Page - Analog Devices AD7457_05 Datasheet HTML 7Page - Analog Devices AD7457_05 Datasheet HTML 8Page - Analog Devices AD7457_05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7457
Rev. A | Page 4 of 20
Parameter
Test Conditions/Comments
B Version1
Unit
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
IDD7, 8
During Conversion6
VDD = 4.75 V to 5.25 V
1.5
mA max
VDD = 2.7 V to 3.6 V
1.2
mA max
Normal Mode (Static)
SCLK on or off
0.5
mA typ
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V
0.7
mA max
VDD= 2.7 V to 3.6 V
0.33
mA max
Power-Down
SCLK on or off
1
µA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V
3
mW max
VDD = 3 V
0.9
mW max
Power-Down
VDD = 5 V; SCLK on or off
5
µW max
VDD = 3 V; SCLK on or off
3
µW max
1 Temperature range for B version: −40°C to +85°C.
2 See the
section.
Terminology
3 Analog inputs with slew rates exceeding 27 V/µs (full-scale input sine wave > 3.5 MHz) within the acquisition time may cause an incorrect result to be returned by the
converter.
4 A dc input is applied to VIN– to provide a pseudo ground for VIN+.
5 The AD7457 is functional with a reference input range of 100 mV to VDD.
6 Guaranteed by characterization.
7 See the
section.
Power Consumption
8 Measured with a full-scale dc input.


유사한 부품 번호 - AD7457_05

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT-R2 AD-AD7457BRT-R2 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7457BRT-R2 AD-AD7457BRT-R2 Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT-R2 AD-AD7457BRT-R2 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457BRT-REEL7 AD-AD7457BRT-REEL7 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
More results

유사한 설명 - AD7457_05

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
logo
Texas Instruments
ADC141S628-Q1 TI1-ADC141S628-Q1 Datasheet
992Kb / 29P
[Old version datasheet]   14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
logo
Analog Devices
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7675 AD-AD7675 Datasheet
399Kb / 20P
   16-Bit, 100 kSPS, Differential ADC
REV. 0
AD7675 AD-AD7675_17 Datasheet
342Kb / 21P
   16-Bit, 100 kSPS Differential ADC
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20