전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5652-EP 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5652-EP
상세설명  DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652-EP 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC5652-EP Datasheet HTML 3Page - Texas Instruments DAC5652-EP Datasheet HTML 4Page - Texas Instruments DAC5652-EP Datasheet HTML 5Page - Texas Instruments DAC5652-EP Datasheet HTML 6Page - Texas Instruments DAC5652-EP Datasheet HTML 7Page - Texas Instruments DAC5652-EP Datasheet HTML 8Page - Texas Instruments DAC5652-EP Datasheet HTML 9Page - Texas Instruments DAC5652-EP Datasheet HTML 10Page - Texas Instruments DAC5652-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5652-EP
SGLS341B – JUNE 2006 – REVISED OCTOBER 2006
over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz,
independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load resistor
75
90
IAVDD
Supply current, analog
Sleep mode with clock
2.5
mA
Sleep mode without clock
2.5
12
20
IDVDD
Supply current, digital
Sleep mode with clock
11.3
18
mA
Sleep mode without clock
0.6
290
360
Sleep mode with clock
45.5
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 200 MSPS, fOUT = 20 MHz
310
APSRR
Analog power-supply rejection ratio
–0.2
–0.01
0.2
%FSR/V
DPSRR
Digital power-supply rejection ratio
–0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
–55
125
°C
7
Submit Documentation Feedback


유사한 부품 번호 - DAC5652-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC5652-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com