전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACQ646 데이터시트(PDF) 8 Page - Texas Instruments

부품명 54ACQ646
상세설명  54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACQ646 데이터시트(HTML) 8 Page - Texas Instruments

Back Button 54ACQ646 Datasheet HTML 3Page - Texas Instruments 54ACQ646 Datasheet HTML 4Page - Texas Instruments 54ACQ646 Datasheet HTML 5Page - Texas Instruments 54ACQ646 Datasheet HTML 6Page - Texas Instruments 54ACQ646 Datasheet HTML 7Page - Texas Instruments 54ACQ646 Datasheet HTML 8Page - Texas Instruments 54ACQ646 Datasheet HTML 9Page - Texas Instruments 54ACQ646 Datasheet HTML 10Page - Texas Instruments 54ACQ646 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Capacitance
Symbol
Parameter
Max
Units
Conditions
C
IN
Input Capacitance
15
pF
V
CC = OPEN
C
I/O
Input/Output Capacitance
20.0
pF
V
CC = 5.0V
C
PD
Power Dissipation
100.0
pF
V
CC = 5.0V
Capacitance
www.national.com
7


유사한 부품 번호 - 54ACQ646

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACQ NSC-54ACQ Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ240 NSC-54ACQ240 Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ240D NSC-54ACQ240D Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ240F NSC-54ACQ240F Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 54ACQ646

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com