전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F676 데이터시트(PDF) 3 Page - Texas Instruments

부품명 74F676
상세설명  54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74F676 데이터시트(HTML) 3 Page - Texas Instruments

  74F676 Datasheet HTML 1Page - Texas Instruments 74F676 Datasheet HTML 2Page - Texas Instruments 74F676 Datasheet HTML 3Page - Texas Instruments 74F676 Datasheet HTML 4Page - Texas Instruments 74F676 Datasheet HTML 5Page - Texas Instruments 74F676 Datasheet HTML 6Page - Texas Instruments 74F676 Datasheet HTML 7Page - Texas Instruments 74F676 Datasheet HTML 8Page - Texas Instruments 74F676 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Logic Symbols
TLF9588 – 1
IEEEIEC
TLF9588 – 4
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
P0–P15
Parallel Data Inputs
1010
20 mA b06 mA
CS
Chip Select Input (Active LOW)
1010
20 mA b06 mA
CP
Clock Pulse Input (Active LOW)
1010
20 mA b06 mA
M
Mode Select Input
1010
20 mA b06 mA
SI
Serial Data Input
1010
20 mA b06 mA
SO
Serial Output
50333
b
1 mA20 mA
Functional Description
The 16-bit shift register operates in one of three modes as
indicated in the Shift Register Operations Table
HOLD
a HIGH signal on the Chip Select (CS) input pre-
vents clocking and data is stored in the sixteen registers
ShiftSerial Load
data present on the SI pin shifts into
the register on the falling edge of CP Data enters the Q0
position and shifts toward Q15 on successive clocks finally
appearing on the SO pin
Parallel Load
data present on P0–P15 are entered into
the register on the falling edge of CP The SO output repre-
sents the Q15 register output
To prevent false clocking CP must be LOW during a LOW-
to-HIGH transition of CS
Shift Register Operations Table
Control Input
Operating Mode
CS
MCP
H
X
X
Hold
LL
K
ShiftSerial Load
LH
K
Parallel Load
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
K e HIGH-to-LOW Transition
Block Diagram
TLF9588 – 5
2


유사한 부품 번호 - 74F676

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
National Semiconductor ...
74F676PC NSC-74F676PC Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F676PC FAIRCHILD-74F676PC Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
More results

유사한 설명 - 74F676

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
   16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com