전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT11470DW 데이터시트(PDF) 3 Page - Texas Instruments

부품명 74ACT11470DW
상세설명  8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11470DW 데이터시트(HTML) 3 Page - Texas Instruments

  74ACT11470DW Datasheet HTML 1Page - Texas Instruments 74ACT11470DW Datasheet HTML 2Page - Texas Instruments 74ACT11470DW Datasheet HTML 3Page - Texas Instruments 74ACT11470DW Datasheet HTML 4Page - Texas Instruments 74ACT11470DW Datasheet HTML 5Page - Texas Instruments 74ACT11470DW Datasheet HTML 6Page - Texas Instruments 74ACT11470DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
54ACT11470, 74ACT11470
8BIT REGISTERED BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCAS207 − D4016, APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−3
recommended operating conditions (see Note 2)
54ACT11470
74ACT11470
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−24
−24
mA
IOL
Low-level output current
24
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
0
10
ns/ V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 2: Unused or floating pins (input or I/O) must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT11470
74ACT11470
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH = − 50 A
4.5 V
4.4
4.4
4.4
IOH = − 50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH = − 24 mA
4.5 V
3.94
3.7
3.8
V
VOH
IOH = − 24 mA
5.5 V
4.94
4.7
4.8
V
IOH = − 50 mA†
5.5 V
3.85
IOH = − 75 mA†
5.5 V
3.85
IOL = 50 A
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±10
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
µA
∆ICC§
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
Control inputs
VI = VCC or GND
5 V
4.5
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - 74ACT11470DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT11478 TI1-74ACT11478 Datasheet
98Kb / 5P
[Old version datasheet]   METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11478DW TI1-74ACT11478DW Datasheet
98Kb / 5P
[Old version datasheet]   METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11478NT TI1-74ACT11478NT Datasheet
98Kb / 5P
[Old version datasheet]   METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ACT11470DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
[Old version datasheet]   8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16269 HITACHI-HD74ALVCH16269 Datasheet
66Kb / 13P
   12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com