전자부품 데이터시트 검색엔진 |
|
CDCEL913-Q1 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
CDCEL913-Q1 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 26 page Xin/CLK 1 14 Xout S0 2 13 S1/SDA VDD 3 12 S2/SCL Vctr 4 11 Y1 GND 5 10 GND VDDOUT 6 9 Y2 7 8 Y3 VCXO XO LVCMOS LV CMOS LV CMOS PLL withSSC LV CMOS Divider and Output Control 3 EEPROM Programming and ControlRegister Vctr S2/S1/S0or SDA/SCL VDD GND VDDOUT Y1 Y2 Y3 VDDOUT CDCEL913-Q1 www.ti.com SCAS888 – SEPTEMBER 2009 Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs Check for Samples: CDCEL913-Q1 1 FEATURES • Qualified for Automotive Applications • Flexible Clock Driver • Member of Programmable Clock Generator – Three User-Definable Control Inputs Family [S0/S1/S2], for example., SSC Selection, Frequency Switching, Output Enable, or – CDCE913/CDCEL913: 1-PLL, 3 Outputs Power Down – CDCE925/CDCEL925: 2-PLL, 5 Outputs – Generates Highly Accurate Clocks for – CDCE937/CDCEL937: 3-PLL, 7 Outputs Video, Audio, USB, IEEE1394, RFID, – CDCE949/CDCEL949: 4-PLL, 9 Outputs Bluetooth™, WLAN, Ethernet™, and GPS • In-System Programmability and EEPROM – Generates Common Clock Frequencies – Serial Programmable Volatile Register Used With TI- DaVinci™, OMAP™, DSPs – Nonvolatile EEPROM to Store Customer – Programmable SSC Modulation Setting – Enables 0-PPM Clock Generation • Flexible Input Clocking Concept • 1.8-V Device Power Supply – External Crystal: 8 MHz to 32 MHz • Wide Temperature Range –40°C to 85°C – On-Chip VCXO: Pull Range ±150 ppm • Packaged in TSSOP – Single-Ended LVCMOS up to 160 MHz • Development and Programming Kit for Easy • Free Selectable Output Frequency up to PLL Design and Programming (TI Pro-Clock™) 230 MHz • Latch-Up Exceeds 100 mA • Low-Noise PLL Core per JESD78B - Class I – PLL Loop Filter Components Integrated APPLICATIONS – Low Period Jitter (Typical 50 ps) • D-TV, STB, IP-STB, DVD-Player, DVD-Recorder, • Separate Output Supply Pins Printer – CDCE913: 3.3 V and 2.5 V – CDCEL913: 1.8 V 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - CDCEL913-Q1 |
|
유사한 설명 - CDCEL913-Q1 |