전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVD1212 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVD1212
상세설명  2:12 Low Additive Jitter LVDS Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1212 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CDCLVD1212 Datasheet HTML 5Page - Texas Instruments CDCLVD1212 Datasheet HTML 6Page - Texas Instruments CDCLVD1212 Datasheet HTML 7Page - Texas Instruments CDCLVD1212 Datasheet HTML 8Page - Texas Instruments CDCLVD1212 Datasheet HTML 9Page - Texas Instruments CDCLVD1212 Datasheet HTML 10Page - Texas Instruments CDCLVD1212 Datasheet HTML 11Page - Texas Instruments CDCLVD1212 Datasheet HTML 12Page - Texas Instruments CDCLVD1212 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
INNx
INPx
OUTN0
OUTP0
OUTN1
OUTP1
OUTN2
OUTP2
OUTN11
OUTP11
tPLH0
tPHL0
tPLH1
tPHL1
tPLH2
tPHL2
tPLH11
tPHL11
OUTNx
OUTPx
VOD
Vring
0 V Differential
CDCLVD1212
www.ti.com
SCAS901B – SEPTEMBER 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
A.
Output skew is calculated as the greater of the following: As of the difference between the fastest and the slowest
tPLHn or the difference between the fastest and the slowest tPHLn (n = 0, 1, 2, ..11)
B.
Part to part skew is calculated as the greater of the following: As the difference between the fastest and the slowest
tPLHn or the difference between the fastest and the slowest tPHLn across multiple devices (n = 0, 1, 2, ..11)
Figure 9. Output Skew and Part-to-Part Skew
Figure 10. Output Overshoot and Undershoot
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCLVD1212


유사한 부품 번호 - CDCLVD1212

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTR TI1-CDCLVD1213RGTR Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTT TI1-CDCLVD1213RGTT Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
CDCLVD1216RGZR TI1-CDCLVD1216RGZR Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
More results

유사한 설명 - CDCLVD1212

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com