전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVD1212RHAT 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVD1212RHAT
상세설명  2:12 Low Additive Jitter LVDS Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1212RHAT 데이터시트(HTML) 5 Page - Texas Instruments

  CDCLVD1212RHAT Datasheet HTML 1Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 2Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 3Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 4Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 5Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 6Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 7Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 8Page - Texas Instruments CDCLVD1212RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CDCLVD1212
www.ti.com
SCAS901B – SEPTEMBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 2.375V to 2.625V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS OUTPUT CHARACTERISTICS
|VOD|
Differential output voltage magnitude
250
450
mV
Change in differential output voltage
ΔVOD
–15
15
mV
magnitude
VIN, DIFF, PP = 0.3V, RL = 100 Ω
Steady-state common mode output
VOC(SS)
1.1
1.375
V
voltage
Steady-state common mode output
ΔVOC(SS)
VIN, DIFF, PP = 0.6V, RL = 100 Ω
–15
15
mV
voltage
Vring
Output overshoot and undershoot
Percentage of output amplitude VOD
10%
VOS
Output ac common mode
VIN, DIFF, PP = 0.6V, RL = 100 Ω
40
70
mVPP
IOS
Short-circuit output current
VOD = 0 V
±24
mA
tPD
Propagation delay
VIN, DIFF, PP = 0.3 V
1.5
2.5
ns
tSK, PP
Part-to-part skew
600
ps
tSK, O
Output skew
50
ps
Crossing-point-to-crossing-point
tSK,P
Pulse skew(with 50% duty cycle input)
–50
50
ps
distortion
Random additive jitter (with 50% duty
Edge speed 0.75 V/ns,
ps,
tRJIT
0.3
cycle input)
10 kHz – 20 MHz
RMS
tR/tF
Output rise/fall time
20% to 80%, 100
Ω, 5 pF
50
300
ps
ICCSTAT
Static supply current
Outputs unterminated, f = 0 Hz
17
28
mA
ICC100
Supply current
All outputs, RL = 100 Ω, f = 100 MHz
85
110
mA
ICC800
Supply current
All outputs, RL = 100 Ω, f = 800 MHz
117
146
mA
VAC_REF CHARACTERISTICS
VAC_REF
Reference output voltage
VCC = 2.5 V, Iload = 100 µA
1.1
1.25
1.35
V
Typical Additive Phase Noise Characteristics for 100 MHz Clock
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz offset
-132.9
dBc/Hz
phn1k
Phase noise at 1 kHz offset
-138.8
dBc/Hz
phn10k
Phase noise at 10 kHz offset
-147.4
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-153.6
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-155.2
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-156.2
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-156.6
dBc/Hz
tRJIT
Random additive jitter from 10 kHz to 20 MHz
171
fs, RMS
Typical Additive Phase Noise Characteristics for 737.27 MHz Clock
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz offset
-80.2
dBc/Hz
phn1k
Phase noise at 1 kHz offset
-114.3
dBc/Hz
phn10k
Phase noise at 10 kHz offset
-138
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-143.9
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-145.2
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-146.5
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-146.6
dBc/Hz
tRJIT
Random additive jitter from 10 kHz to 20 MHz
65
fs, RMS
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCLVD1212


유사한 부품 번호 - CDCLVD1212RHAT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTR TI1-CDCLVD1213RGTR Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTT TI1-CDCLVD1213RGTT Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
CDCLVD1216RGZR TI1-CDCLVD1216RGZR Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
More results

유사한 설명 - CDCLVD1212RHAT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com