전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

335211B00000G 데이터시트(PDF) 82 Page - Aavid, Thermal Division of Boyd Corporation

부품명 335211B00000G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

335211B00000G 데이터시트(HTML) 82 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 335211B00000G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 79Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 80Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 81Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 82Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 83Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 84Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 85Page - Aavid, Thermal Division of Boyd Corporation 335211B00000G Datasheet HTML 86Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
82
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Option Index A
Base part
Finishes
Solderable tabs
Clips
Wave-OnTM mounts
KonduxTM pads In-Sil-8TM pads Hi-Flow® pads
Semiconductor mnts
Studs
(page 110)
(page 91–93)
(page 97)
(page 89)
(page 86)
(page 86)
(page 87)
(page 90)
(page 96)
504102
B
U
53
54 55
56
57
01
02
03 05
1
3
504222
B
U
01
02
03 05
2
4
01
02 03 05 07 08
506902
B
U
01
02
03 05
1
3
507002
B
U
J
53
54 55
56
57
01
02
03 05
1
3
01
02 03 05 07 08
507102
B
U
J
507222
B
U
J
V
53
54 55
56
57
01
02
03 05
1
2
3
4
01
02 03 05 07 08
507302
B
U
J
V
33
36 39
40
01
02
03 05
1
3
01
02 03 05 07 08
530101
B
U
V
50
01
04
05 07
1
2
3
7
530102
B
U
50
01
04
05 07
1
2
3
7
530161
B
U
62
01
04
05 07
1
2
3
530162
B
U
62
01
04
05 07
1
2
3
530401
B
U
50
01
04
05 07
1
2
3
7
530402
B
U
50
01
04
05 07
1
2
3
7
530613
B
U
J
V
53
54 55
56
57
1
3
530614
B
U
J
53
54 55
56
57
1
3
530714
B
U
V
53
54 55
56
57
1
3
530801
B
U
50
01
04
05 07
1
2
3
7
530802
B
U
50
01
04
05 07
1
2
3
7
530861
B
U
62
01
04
05 07
1
2
530862
B
U
62
01
04
05 07
1
2
534202
B
U
28
34 35
53
1
534265
B
U
28
34 35
53
3
7
542502
B
U
J
D
05
1
3
01
02 03 05 07 08
551002
B
U
01
02
03 05
1
3
01
02 03 05 07 08
563002
B
U
J
D
3
569022
B
U
01
02
03 05
01
02 03 05 07 08
574102
B
U
32
33 37
574402
B
U
32
33 37
574502
B
U
V
32
33 37
48
574602
B
U
32
33 37
43
574802
B
U
33
37
574902
B
U
28
33 37
43
575002
B
U
D
575102
B
U
V
1
3
576012
B
U
V
1
3
576014
B
U
V
1
3
576602
B
U
D
3
577002
B
U
V
28
33 36
39
40
01
02
03 05
1
3
01
02 03 05 07 08
577102
B
U
V
28
33 36
39
40
01
02
03 05
1
3
01
02 03 05 07 08
577202
B
U
J
V
33
36 38
39
40
01
02
03 05
1
3
01
02 03 05 07 08
577922
B
U
V
2
4
578622
B
U
V
28
32 34
35
2
4
01
02 03 05 07 08
579302
B
U
579402
B
U
579802
B
U
33
579902
B
U
33
1
05
590102
B
U
36
02
1
590302
B
U
36
37
1
3
592201
B
U
34
592502
B
U
28
34 35
01
02
03 05
1
3
01
02 03 05 07 08
592902
B
U
28
34
1
3
01
02 03 05 07 08
593002
B
U
V
28
34 35
1
3
01
02 03 05 07 08
593101
B
U
36
1
3
01
593202
B
U
V
28
34 35
01
02
03 05
1
3
01
02 03 05 07 08
Available option codes for Aavid 12 digit part numbers. For additional information on option codes see "How to decipher
an Aavid 12 digit part number" on page 80. To find the appropriate Option Index for a selected part number please refer
to the main product section in the front of the catalog or "How to use this catalog" on page 2.
Ordering Codes


유사한 부품 번호 - 335211B00000G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
335211B00000G AAVID-335211B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

유사한 설명 - 335211B00000G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com