전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8137YR-REEL7 데이터시트(PDF) 8 Page - Aavid, Thermal Division of Boyd Corporation

부품명 AD8137YR-REEL7
상세설명  Low Cost, Low Power, Differential ADC Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YR-REEL7 데이터시트(HTML) 8 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YR-REEL7 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8137YR-REEL7 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8137
Data Sheet
Rev. E | Page 8 of 32
Parameter
Conditions
Min
Typ
Max
Unit
CMRR
ΔVO, dm /ΔVOCM, ΔVOCM = ±0.5 V
62
74
dB
AD8137W only: TMIN-TMAX
62
dB
Power Supply
Operating Range
+2.7
±6
V
AD8137W only: TMIN-TMAX
+2.7
±6
V
Quiescent Current
2.3
2.5
mA
AD8137W only: TMIN-TMAX
2.5
mA
Quiescent Current, Disabled
Power-down = low
345
460
µA
AD8137W only: TMIN-TMAX
460
µA
PSRR
ΔVS = ±1 V
78
90
dB
AD8137W only: TMIN-TMAX
78
dB
PD Pin
Threshold Voltage
VS− + 0.7
VS− + 1.5
V
AD8137W only: TMIN-TMAX
VS− + 0.7
VS− + 1.5
V
Input Current
Power-down = high/low
8/65
10/70
µA
AD8137W only: TMIN-TMAX
10/75
µA
OPERATING TEMPERATURE RANGE
−40
+125
°C


유사한 부품 번호 - AD8137YR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8137YR-REEL7 AD-AD8137YR-REEL7 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137YR-REEL7 AD-AD8137YR-REEL7 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137YR-REEL7 AD-AD8137YR-REEL7 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
More results

유사한 설명 - AD8137YR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com