전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16323Q3 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD16323Q3
상세설명  N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16323Q3 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CSD16323Q3 Datasheet HTML 3Page - Texas Instruments CSD16323Q3 Datasheet HTML 4Page - Texas Instruments CSD16323Q3 Datasheet HTML 5Page - Texas Instruments CSD16323Q3 Datasheet HTML 6Page - Texas Instruments CSD16323Q3 Datasheet HTML 7Page - Texas Instruments CSD16323Q3 Datasheet HTML 8Page - Texas Instruments CSD16323Q3 Datasheet HTML 9Page - Texas Instruments CSD16323Q3 Datasheet HTML 10Page - Texas Instruments CSD16323Q3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M0142-01
D2
D
L1
L
H
TopView
BottomView
FrontView
SideView
D
q
A1
CSD16323Q3
www.ti.com
SLPS224B
– AUGUST 2009 – REVISED NOVEMBER 2011
MECHANICAL DATA
Q3 Package Dimensions
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.950
1.000
1.100
0.037
0.039
0.043
A1
0.000
0.000
0.050
0.000
0.000
0.002
b
0.280
0.340
0.400
0.011
0.013
0.016
c
0.150
0.200
0.250
0.006
0.008
0.010
D
3.200
3.300
3.400
0.126
0.130
0.134
D1
D2
1.650
1.750
1.800
0.065
0.069
0.071
E
3.200
3.300
3.400
0.126
0.130
0.134
E1
E2
2.350
2.450
2.550
0.093
0.096
0.100
e
0.650 TYP
0.026
H
0.35
0.450
0.550
0.014
0.018
0.022
L
0.35
0.450
0.550
0.014
0.018
0.022
L1
θ
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CSD16323Q3


유사한 부품 번호 - CSD16323Q3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
CSD16323Q3 VBSEMI-CSD16323Q3 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Texas Instruments
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results

유사한 설명 - CSD16323Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com