전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16409Q3 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD16409Q3
상세설명  N-Channel NexFET??Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16409Q3 데이터시트(HTML) 1 Page - Texas Instruments

  CSD16409Q3 Datasheet HTML 1Page - Texas Instruments CSD16409Q3 Datasheet HTML 2Page - Texas Instruments CSD16409Q3 Datasheet HTML 3Page - Texas Instruments CSD16409Q3 Datasheet HTML 4Page - Texas Instruments CSD16409Q3 Datasheet HTML 5Page - Texas Instruments CSD16409Q3 Datasheet HTML 6Page - Texas Instruments CSD16409Q3 Datasheet HTML 7Page - Texas Instruments CSD16409Q3 Datasheet HTML 8Page - Texas Instruments CSD16409Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
VGS − Gate to Source Voltage − V
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
12
G006
ID = 17A
TC = 125°C
TC = 25°C
Qg − Gate Charge − nC
0
2
4
6
8
10
12
0
2
4
6
8
10
G003
ID = 17A
VDS = 12.5V
CSD16409Q3
www.ti.com
SLPS204A – AUGUST 2009 – REVISED MAY 2010
N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD16409Q3
1
FEATURES
PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
VDS
Drain to Source Voltage
25
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5V)
4
nC
Avalanche Rated
Qgd
Gate Charge Gate to Drain
1
nC
Pb Free Terminal Plating
VGS = 4.5V
9.5
m
RDS(on)
Drain to Source On Resistance
VGS = 10V
6.2
m
RoHS Compliant
Vth
Threshold Voltage
2
V
Halogen Free
SON 3.3mm x 3.3mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 3.3 × 3.3
13-inch
Tape and
CSD16409Q3
2500
Point-of-Load Synchronous Buck Converter
Plastic Package
reel
Reel
for Applications in Networking, Telecom and
Computing Systems
ABSOLUTE MAXIMUM RATINGS
Optimized for Control FET Applications
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain to Source Voltage
25
V
DESCRIPTION
VGS
Gate to Source Voltage
+16 / –12
V
The NexFET™ power MOSFET has been designed
Continuous Drain Current, TC = 25°C
60
A
ID
to minimize losses in power conversion applications.
Continuous Drain Current(1)
15
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
90
A
Top View
PD
Power Dissipation(1)
2.6
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
72
mJ
ID = 38A, L = 0.1mH, RG = 25Ω
(1) RqJA = 47°C/W on 1in
2 Cu (2 oz.) on 0.060" thick FR4 PCB.
(2) Pulse width
≤300ms, duty cycle ≤2%
RDS(ON) vs VGS
Gate Charge
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - CSD16409Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
361Kb / 13P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
CSD16401Q5T TI1-CSD16401Q5T Datasheet
361Kb / 13P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
CSD16401Q5 TI1-CSD16401Q5_15 Datasheet
361Kb / 13P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results

유사한 설명 - CSD16409Q3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com