전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16413Q5A 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD16413Q5A
상세설명  N-Channel NexFET??Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16413Q5A 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CSD16413Q5A Datasheet HTML 2Page - Texas Instruments CSD16413Q5A Datasheet HTML 3Page - Texas Instruments CSD16413Q5A Datasheet HTML 4Page - Texas Instruments CSD16413Q5A Datasheet HTML 5Page - Texas Instruments CSD16413Q5A Datasheet HTML 6Page - Texas Instruments CSD16413Q5A Datasheet HTML 7Page - Texas Instruments CSD16413Q5A Datasheet HTML 8Page - Texas Instruments CSD16413Q5A Datasheet HTML 9Page - Texas Instruments CSD16413Q5A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
q
L1
E1
E
q
Top View
Front View
Side View
M0135-01
L
H
E2
K
Bottom View
CSD16413Q5A
SLPS199A – AUGUST 2009 – REVISED APRIL 2010
www.ti.com
MECHANICAL DATA
Q5A Package Dimensions
DIM
MILLIMETERS
MIN
NOM
MAX
A
0.90
1.00
1.10
b
0.33
0.41
0.51
c
0.20
0.25
0.30
D1
4.80
4.90
5.00
D2
3.61
3.81
3.96
E
5.90
6.00
6.10
E1
5.70
5.75
5.80
E2
3.38
3.58
3.78
e
1.27 BSC
H
0.41
0.51
0.61
K
1.10
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
q
12°
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CSD16413Q5A


유사한 부품 번호 - CSD16413Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16410Q5A TI-CSD16410Q5A Datasheet
343Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16411Q3 TI-CSD16411Q3 Datasheet
358Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16412Q5A TI-CSD16412Q5A Datasheet
346Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

유사한 설명 - CSD16413Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com