전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17327Q5A 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD17327Q5A
상세설명  30V, N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17327Q5A 데이터시트(HTML) 4 Page - Texas Instruments

  CSD17327Q5A Datasheet HTML 1Page - Texas Instruments CSD17327Q5A Datasheet HTML 2Page - Texas Instruments CSD17327Q5A Datasheet HTML 3Page - Texas Instruments CSD17327Q5A Datasheet HTML 4Page - Texas Instruments CSD17327Q5A Datasheet HTML 5Page - Texas Instruments CSD17327Q5A Datasheet HTML 6Page - Texas Instruments CSD17327Q5A Datasheet HTML 7Page - Texas Instruments CSD17327Q5A Datasheet HTML 8Page - Texas Instruments CSD17327Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VDS - Drain-to-Source Voltage - V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
30
VGS = 2.5V
VGS = 3V
VGS = 3.5V
VGS = 4.5V
VGS = 8V
G001
VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
0.001
0.01
0.1
1
10
100
TC = -55°C
TC = 25°C
TC = 125°C
G002
VDS = 5V
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
Qg - Gate Charge - (nC)
ID = 11A
VDD = 15V
V
- Drain-to-Source Voltage - V
DS
0
5
10
15
20
25
30
0.01
0.1
1
C
= C
+ C
iss
gd
gs
C
= C
+ C
oss
ds
gd
C
= C
rss
gd
G004
f = 1MHz
V
= 0V
GS
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.5
1
1.5
2
2.5
G005
ID = 250µA
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 11A
CSD17327Q5A
SLPS332
– JUNE 2011
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
4
Copyright
© 2011, Texas Instruments Incorporated


유사한 부품 번호 - CSD17327Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

유사한 설명 - CSD17327Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com