전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT16374CTPACTG4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74FCT16374CTPACTG4
상세설명  16-Bit Registers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT16374CTPACTG4 데이터시트(HTML) 4 Page - Texas Instruments

  74FCT16374CTPACTG4 Datasheet HTML 1Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 2Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 3Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 4Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 5Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 6Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 7Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 8Page - Texas Instruments 74FCT16374CTPACTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY74FCT16374T
CY74FCT162374T
4
Switching Characteristics Over the Operating Range[12]
CY74FCT16374T
CY74FCT162374T
CY74FCT16374AT
CY74FCT162374AT
Fig.
No.[13]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
CLK to O
2.0
10.0
2.0
6.5
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
12.5
1.5
6.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
8.0
1.5
5.5
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW,
D to CLK
2.0
2.0
ns
4
tH
Hold Time HIGH or LOW,
D to CLK
1.5
1.5
ns
4
tW
CLK Pulse Width
HIGH or LOW
5.0
5.0
ns
5
tSK(O)
Output Skew[14]
0.5
0.5
ns
CY74FCT16374CT
CY74FCT162374CT
Fig.
No.[13]
Parameter
Description
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
CLK to O
2.0
5.2
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
5.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.0
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW,
D to CLK
2.0
ns
4
tH
Hold Time HIGH or LOW,
D to CLK
1.5
ns
4
tW
CLK Pulse Width
HIGH or LOW
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.


유사한 부품 번호 - 74FCT16374CTPACTG4

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74FCT16374CTPAG RENESAS-74FCT16374CTPAG Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
74FCT16374CTPAG8 RENESAS-74FCT16374CTPAG8 Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results

유사한 설명 - 74FCT16374CTPACTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CY74FCT163374 TI1-CY74FCT163374 Datasheet
133Kb / 10P
[Old version datasheet]   16-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com