전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

530161B00162G 데이터시트(PDF) 70 Page - Aavid, Thermal Division of Boyd Corporation

부품명 530161B00162G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

530161B00162G 데이터시트(HTML) 70 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 530161B00162G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation 530161B00162G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
70
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5756, 5757, 5758, 5759
Space saver diamond shaped basket heat sink
Space saver diamond shaped
basket heat sink featuring a
narrow base with slanted fins to
increase air turbulence in natural
and forced convection applications.
Made from heavy gauge material.
Four heights to choose from.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
575603
575703
Part Number
“A” Dim
575603B00000G
12.70 (0.500)
575703B00000G
19.05 (0.750)
575803B00000G
25.40 (1.000)
575903B00000G
31.75 (1.250)
(1.630)
41.40
(1.290)
32.77
TYP 2
(0.218)
5.54
TYP 2
(0.188)
4.78
(1.187)
30.15
(0.594)
15.07
(0.072)
1.83
(0.430)
10.92
(0.215)
5.46
1
2
"X"
"X"
CL
CL
ø
"A"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
501303
501403
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
501503
501603
Low cost diamond shaped
basket heat sink with
straight fins. High fin count
enhances efficiency. Four
heights to choose from.
5013, 5014, 5015, 5016
Low cost diamond shaped basket heat sink
Material: 2.29 (0.090) Thick Aluminum
Finish: Black Anodize
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
TO-3 Heat Sinks
Position
Code
Description
Location
Details
A
1
Kon-DuxTM pad
Page 86
A
3
In-Sil-8TM pad
Page 86
B
01
6-23 Wave-OnTM threaded insert
Hole X
Page 89
0.100 stand off
POPULAR OPTIONS:
Base part no.
A
575_03B 0 00 00G
For additional options see page 84
ORDERING INFORMATION
Part Number
“A” Dim
501303B00000G
12.70 (0.500)
501403B00000G
19.05 (0.750)
501503B00000G
25.40 (1.000)
501603B00000G
31.75 (1.250)
Position
Code
Description
Location
Details
A
1
Kon-DuxTM pad
Page 86
B
01
6-23 Wave-OnTM threaded insert 0.100 stand off
Hole X
Page 89
C
08
6-32 x 0.350 Solderable stud
Hole X
Page 96
POPULAR OPTIONS:
For additional options see page 84
B
Base part no. A
501_03B 0 00 00G
B
C
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
575803
575903
TYP 2
5.54
(0.218)
10.92
(0.430)
5.46
(2.150)
TYP 2
4.75
(0.187)
AT BASE
47.75
(1.880)
AT BASE
35.56
(1.400)
"A"
30.15
(1.187)
15.07
(0.594)
1.83
(0.072)
"X"
"X"
ø
ø
CL
CL
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99


유사한 부품 번호 - 530161B00162G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
530162B00162 AAVID-530162B00162 Datasheet
88Kb / 2P
   For use with Dual TO-220 packages
logo
Lapp.
53016610 LAPP-53016610 Datasheet
149Kb / 2P
   SKINTOP® BS NPT
23.11.2021
More results

유사한 설명 - 530161B00162G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com