전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

530162B00162G 데이터시트(PDF) 68 Page - Aavid, Thermal Division of Boyd Corporation

부품명 530162B00162G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

530162B00162G 데이터시트(HTML) 68 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 530162B00162G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
68
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
15.29
(0.602)
"A"
5.59
(0.220)
Part Number
“A” Dim
575200B00000G
18.29 (0.720)
575300B00000G
24.64 (0.970)
575400B00000G
30.99 (1.220)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
25
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
20
15
5
10
0
0
400
200
600
800
1000
575200
575400
Low cost slip on heat sink
features an expandable collar
that tightly grips the device
meaning no extra mounting
hardware is required. Three
heights to choose from.
5752, 5753, 5754 Low cost slip on heat sink
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
TO-92 Heat Sinks
ORDERING INFORMATION
13.70
(0.539)
13.80
(0.543)
10.16
(0.400)
1.00
(0.039)
11.40
(0.449)
2.50
(0.098)
0.40
(0.016)
8.50
(0.335)
4.27
(0.039)
Part Number
Description
92FG
Brass clip on heat sink
1.73 (0.068)
Air Velocity – Feet Per Minute
Heat Dissipated – Watts
25
0
20
40
60
80
100
01
2
3
4
5
20
15
5
10
0
0
400
200
600
800
1000
Low cost brass clip on heat sink
requires no hardware to attach
to the device. Includes integrated
tabs that can be soldered or twisted
to attach the heat sink to the board
reducing stress on the device leads.
92F
Low cost brass clip on heat sink
Material: 0.38 (0.015) Thick Brass
Finish: Unfinished
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
25
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
20
15
5
10
0
0
400
200
600
800
1000
575300
Dia of PCB
Plated Thru
Hole for Tabs


유사한 부품 번호 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
530162B00162 AAVID-530162B00162 Datasheet
88Kb / 2P
   For use with Dual TO-220 packages
More results

유사한 설명 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com