전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

530162B00162G 데이터시트(PDF) 78 Page - Aavid, Thermal Division of Boyd Corporation

부품명 530162B00162G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

530162B00162G 데이터시트(HTML) 78 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 530162B00162G Datasheet HTML 74Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 75Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 76Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 79Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 80Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 81Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 82Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
78
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Thermal solutions go beyond the heat dissipator itself.
Aavid Thermalloy offers a total solution package,
which includes a number of options and accessory
items described in this section of the catalog.
A total thermal solution includes an efficient thermal
interface and means of mechanical attachment. Aavid
Thermalloy has a full-line of interface materials that
can be pre-applied or supplied as an accessory item.
Mechanical assembly options include attachment of
semiconductors to heat sinks, heat sinks to printed
circuit boards, and heat sinks to sockets of CPUs.
Aavid Thermalloy offers the most complete line
of value added options of any supplier in the industry.
Our full line of accessories includes mounting kits,
shoulder washers, insulators, mounting pads,
and various grease products and epoxies, which
are sold separately, and can be used with a variety
of Aavid heat sinks.
This section will provide the most complete solution
to your thermal requirement.
CONTENTS
How to decipher or construct an Aavid 12 digit part number.......................
How to decipher or construct a "Thermalloy" origin part number...............
Indexes.................................................................................................................................
Interface Materials
Pads
In-Sil-8TM Pads....................................................................................................................
Kon-DuxTM/Grafoil® Pads..............................................................................................
Hi-Flow® Pads...................................................................................................................
Alignment Pads................................................................................................................
Double Sided Tape Options (factory applied)
T414......................................................................................................................................
T405R....................................................................................................................................
T412......................................................................................................................................
T411......................................................................................................................................
T410R....................................................................................................................................
Labor Saving Heat Sink to Board and Device to Heat Sink Mounts
Wave-OnTM Mounts..........................................................................................................
Semiconductor Mounts.................................................................................................
Shur-LockTM Tabs...............................................................................................................
Solderable Staked on Tabs...........................................................................................
Solderable Mounting Tabs............................................................................................
Solderable Pins.................................................................................................................
Solderable Nuts.................................................................................................................
Clinch Nuts..........................................................................................................................
Solderable Studs...............................................................................................................
Device Mounting Studs..................................................................................................
Clips
Aavid Kool-KlipsTM............................................................................................................
Thermal Clips.....................................................................................................................
80
81
82
86
86
87
87
88
88
88
88
88
89
90
91
91
93
94
94
95
96
96
97
98


유사한 부품 번호 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
530162B00162 AAVID-530162B00162 Datasheet
88Kb / 2P
   For use with Dual TO-220 packages
More results

유사한 설명 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com