전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

530162B00162G 데이터시트(PDF) 85 Page - Aavid, Thermal Division of Boyd Corporation

부품명 530162B00162G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

530162B00162G 데이터시트(HTML) 85 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 530162B00162G Datasheet HTML 81Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 82Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 83Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 84Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 85Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 86Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 87Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 88Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 89Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
85
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
6021 B U PB
SF1
CNM1
G5
6022 B U PB
SF1 SF2
CNM1
6025 PB
D
TC-10
SF1 SF3
CNE42
G5
6109 B U PB
MT MT5
TC-1
SE3 SE1
SF1
CNE42
G5
6110 B U PB
MT
SE1 SM3
CNE42
6225 B U PB
MT
TC-10
SF1
G5
6230 B U PB D
6232 B U PB
MT MT3 MT5
TC-1
SF1
G5
6238 B U PB
MT MT5 MT6
G5
6239 B U
MT
6374 B
P2
6380 B
P2
CNE42
6396 B
P2
P3
CNM1 CNM2
6398 B
TC-6
P2
CNE42 CNE43
G7
6399 B
TC-6
P2
CNM2
G7
6400 B
P2
7019 B U PB
MT
MT6
SE3
SF1
SNM1
7020 B U
MT MT2 MT5 MT6 TC-10
TC-11 TC-12 SE3
CNM1 CNE42
8223-CL03
G5
G4
7021 B U
MT MT5 MT6
TC-10
TC-11 TC-12
CNE42
8223-CL03
G5
7022 B U PB
MT
MT5
TC-1
TC-11 TC-12 SE3
SF1
8241-CL11 8223-CL03
7023 B U
MT
MT5
TC-1 TC-6 TC-7
TC-12
SNE2
G4
7025 B U
MT MT3 MT6
TC-12
SE3
8223-CL03
Base
Finishes
Mounting
Clips
Solderable
Device
Clinch
Solderable
Alignment
Grafoil®
part
tabs
studs & pins
mtg. studs
nuts
nuts
pads
pads
(page 110)
(page 93)
(page 98)
(page 94–96)
(page 96)
(page 95)
(page 94)
(page 87)
(page 86)
Option Index D
Available option codes for Thermalloy origin part numbers. For additional information on option codes see "How to decipher
a Thermalloy Origin part number" on page 81. To find the appropriate Option Index for a selected part number, refer to the
main product section in the front of the catalog or "How to use this catalog" on page 2.
Ordering Codes


유사한 부품 번호 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
530162B00162 AAVID-530162B00162 Datasheet
88Kb / 2P
   For use with Dual TO-220 packages
More results

유사한 설명 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com