전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

530162B00162G 데이터시트(PDF) 58 Page - Aavid, Thermal Division of Boyd Corporation

부품명 530162B00162G
상세설명  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

530162B00162G 데이터시트(HTML) 58 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 530162B00162G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation 530162B00162G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
58
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-218 & TO-247 Heat Sinks
5130, 5131, 5132, 5133
Extruded heat sink with radial fins
Extruded heat sink with radial fins
feature equal channel widths on
both sides for single or dual device
mounting. Includes two solderable
mounting pins which permit vertical
mounting and eliminate stress on
device leads. Available in four heights
for TO-220,TO-218, and TO-247 devices.
(0.500)
12.70
(0.125)
3.18
(1.375)
34.92
(0.062)
1.57
(1.000)
25.40
2x
(0.156)
3.96
2x
(0.093)
2.37
"A"
"B"
"C"
ø
17.48
(0.688)
"D"
"E"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
51310X
51300X
Material: Aluminum
Finish: Black Anodize
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
51330X
51320X
ORDERING INFORMATION
Part Number
Device
“A” Dim
“B” Dim
“C” Dim
“D” Dim
“E” Dim
513001B02500G
TO-218, TO-247
25.40 (1.000)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513002B02500G
TO-220
25.40 (1.000)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
513101B02500G
TO-218, TO-247
38.10 (1.500)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513102B02500G
TO-220
38.10 (1.500)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
513201B02500G
TO-218, TO-247
50.80 (2.000)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513202B02500G
TO-220
50.80 (2.000)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
513301B02500G
TO-218, TO-247
63.50 (2.500)
21.59 (0.850)
3.66 (0.144)
17.02 (0.670)
13.72 (0.540)
2.67 (0.105)
513302B02500G
TO-220
63.50 (2.500)
18.29 (0.720)
3.17 (0.125)
15.88 (0.625)
11.10 (0.437)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
BW38, BW50, BW63
Wide extruded heat sink with unequal channel
Wide extruded heat sink with
unequal channel widths on front
and back can accommodate a TO-220,
TO-218, or TO-247 device. Includes two
solderable mounting pins which permit
vertical mounting and eliminate stress
on device leads. Available in three heights.
Versions without hole use clip 6801 (sold
separately) to attach device. See page 97
for clip information.
25.40
(1.000)
4.00
(0.157)
2.60
(0.101)
25.40
(1.000)
21.60
(0.850)
2.00
(0.079)
3.6
(0.144)
"A"
ø
34.90
(1.375)
12.70
(0.500)
Air VelocityFeet Per Minute
Heat DissipatedWatts
10
0
20
40
60
80
100
04
8
12
16
20
8
6
2
4
0
0
400
200
600
800
1000
BW50
BW63
BW38
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
Holes
BW38-2G
Extruded heat sink with unequal channel widths front and back
38.00 (1.496)
No
3.00 (0.118)
BW38-4G
With device mounting hole
38.00 (1.496)
Yes
3.00 (0.118)
BW50-2G
Extruded heat sink with unequal channel widths front and back
50.00 (1.968)
No
3.00 (0.118)
BW50-4G
With device mounting hole
50.00 (1.968)
Yes
3.00 (0.118)
BW63-2G
Extruded heat sink with unequal channel widths front and back
63.00 (2.480)
No
3.00 (0.118)
BW63-4G
With device mounting hole
63.00 (2.480)
Yes
3.00 (0.118)
Dia of PCB
Plated Thru
Hole for Pins
For additional options see page 83
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99


유사한 부품 번호 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
530162B00162 AAVID-530162B00162 Datasheet
88Kb / 2P
   For use with Dual TO-220 packages
More results

유사한 설명 - 530162B00162G

제조업체부품명데이터시트상세설명
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com